Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9615H Datasheet(PDF) 21 Page - NXP Semiconductors

Part # TDA9615H
Description  Audio processor for VHS hi-fi
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9615H Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button TDA9615H Datasheet HTML 17Page - NXP Semiconductors TDA9615H Datasheet HTML 18Page - NXP Semiconductors TDA9615H Datasheet HTML 19Page - NXP Semiconductors TDA9615H Datasheet HTML 20Page - NXP Semiconductors TDA9615H Datasheet HTML 21Page - NXP Semiconductors TDA9615H Datasheet HTML 22Page - NXP Semiconductors TDA9615H Datasheet HTML 23Page - NXP Semiconductors TDA9615H Datasheet HTML 24Page - NXP Semiconductors TDA9615H Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
1997 Jun 16
21
Philips Semiconductors
Preliminary specification
Audio processor for VHS hi-fi
TDA9615H
Table 30 Bit PORR; note 1
Notes
1. Bit POR of the read byte can be used to detect the occurrence of a power-on reset situation (bit POR reads logic 1
in case the I2C register contents equal the POR default state). When applying bit POR this way, PORR should be
used after a power-on reset to force a reset of the POR read bit state to logic 0.
2. POR.
Read byte (device state information)
Table 31 Bits of read byte
Table 32 Bit CALR; notes 1 and 2
Notes
1. Bit CALR = 0 indicates the device is not calibrated. After an automatic calibration is started by setting bit CALS of the
power byte the end of calibration is signalled by this bit. If for some reason a calibration cannot be completed (e.g.
no HID signal available or hi-fi processing is in ‘playback’ mode) CALR remains logic ‘0’. If calibration is lost due to
a power-on reset situation CALR will return to logic 0 as well.
2. Also the envelope output (pin 39) can be used to check for end of calibration.
Table 33 Bit AUTN; notes 1 and 2
Notes
1. When hi-fi processing is in ‘playback’ mode but no hi-fi carrier input signal is detected the auto-normal function is
activated. Auto-normal overrules the ‘Output Select’ mode setting, selecting normal sound (i.e. linear audio) instead
of hi-fi. The state of this auto-normal function can be checked via bit AUTN.
2. The auto-normal function is only active (bit AUTN = logic 1) for hi-fi ‘playback’ mode (bit AFM = 0); during ‘record’ or
‘loop-through’ mode bit AUTN is always logic 0.
PORR
MODE
DESCRIPTION
0
− (note 2)
−
1
POR reset
reset of POR signal bit
BIT
DESCRIPTION
CALR
calibration ready; see Table 32
AUTN
auto-normal; see Table 33
POR
power-on reset; see Table 34
CALR
DESCRIPTION
0
device is not calibrated
1
device has completed auto-calibration
AUTN
DESCRIPTION
0
audio FM signal is detected at FM input
1
no audio FM signal detected; normal sound is selected instead of hi-fi



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com