Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STPS40L45CT Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # STPS40L45CT
Description  Low drop power Schottky rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

STPS40L45CT Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  STPS40L45CT Datasheet HTML 1Page - Inchange Semiconductor Company Limited STPS40L45CT Datasheet HTML 2Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Low drop power Schottky rectifier
STPS40L45CT
www.iscsemi.com
1
FEATURES
·
Low forward voltage drop meaning very
smallconduction losses
·
Low switching losses allowing high
frequencyoperation
·
Avalanche capability specified
APPLICATIONS
·
High frequency inverters,
·
Free-wheeling andpolarity protection
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
SYMBOL
PARAMETER
VALUE
UNIT
VRRM
VRWM
VR
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
45
V
IF(AV)
Average Rectified Forward Current,Tc =130℃,Per diode
20
A
IF(RMS)
Forward rms current
30
A
IFSM
Peak Forward Surge Current (tp = 10 ms Sinusoidalt)
220
A
IRRM
Repetitive peak reverse current (tp = 2 µs square F= 1 kHz)
2
A
IRSM
Non repetitive peak reverse current (tp = 100 µs square)
3
A
PARM
Repetitive peak avalanche power (tp = 1 µs Tj = 25℃)
8100
W
TJ
Junction Temperature
150
℃
Tstg
Storage Temperature Range
-65~150
℃
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
VALUE
UNIT
Rth j-c
Thermal Resistance,Junction to Case
per leg
1.5
℃
/W
Total
0.8


Similar Part No. - STPS40L45CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
105Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
186Kb / 11P
Low drop power Schottky rectifier
30-Oct-2013
More results

Similar Description - STPS40L45CT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS10L40CT STMICROELECTRONICS-STPS10L40CT Datasheet
82Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-1999
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
REV. 5
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
LOW DROP POWER SCHOTTKY RECTIFIER
Jun-1999
STPS40L45CT STMICROELECTRONICS-STPS40L45CT Datasheet
71Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Nov-1999
STPS41L30CG STMICROELECTRONICS-STPS41L30CG Datasheet
99Kb / 6P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS40L40CT STMICROELECTRONICS-STPS40L40CT_03 Datasheet
77Kb / 5P
LOW DROP POWER SCHOTTKY RECTIFIER
Jul-2003
STPS5L25 STMICROELECTRONICS-STPS5L25_08 Datasheet
88Kb / 7P
Low drop power Schottky rectifier
15-Apr-2008
STPS41H100C STMICROELECTRONICS-STPS41H100C_12 Datasheet
200Kb / 9P
Low drop power Schottky rectifier
11-Apr-2012
STPS10L40C STMICROELECTRONICS-STPS10L40C Datasheet
145Kb / 9P
Low drop power Schottky rectifier
23-Mar-2007
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com