Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

12864-12-FC-R-ST-ELP Datasheet(PDF) 24 Page - List of Unclassifed Manufacturers

Part # 12864-12-FC-R-ST-ELP
Description  128 x 64 Dot STN Graphic LCD Assembly With T-6963C Graphics Controller LED / EL Panel Backlight
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

12864-12-FC-R-ST-ELP Datasheet(HTML) 24 Page - List of Unclassifed Manufacturers

Back Button 12864-12-FC-R-ST-ELP Datasheet HTML 20Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 21Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 22Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 23Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 24Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 25Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 26Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 27Page - List of Unclassifed Manufacturers 12864-12-FC-R-ST-ELP Datasheet HTML 28Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 31 page
background image
SPECIFICATIONS FOR LIQUID CRYSTAL DISPLAY MODULE
MODEL NO: 12864-12
PACIFIC DISPLAY DEVICES
07.21.2006
24
Bit Set/Reset
Code
Function
Operand
11110xxx
bit reset
---
11111xxx
bit set
---
1111x000
bit 0 (LSB)
---
1111x001
bit 1
---
1111x010
bit 2
---
1111x011
bit 3
---
1111x100
bit 4
---
1111x101
bit 5
---
1111x110
bit 6
---
1111x111
bit 7 (MSB)
---
This command is used to set or reset a bit of 1 byte is specified by address pointer. Plural bits in the 1 byte data cannot
be set/reset at a time. Please refer following flow chart.
BIT SET/RESET
END
STATUS CHECK 1
LOWER ADDRESS DATA
STATUS CHECK 1
UPPER ADDRESS DATA
STATUS CHECK 1
ADDRESS POINTER SET 24H
STATUS CHECK 1
WRITE DATA SET
STATUS CHECK 1
BIT SET (RESET)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com