Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9819 Datasheet(PDF) 13 Page - NXP Semiconductors

Part # TDA9819
Description  Multistandard vision and sound-IF PLL with DVB-IF processing
PDF  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9819 Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button TDA9819 Datasheet HTML 9Page - NXP Semiconductors TDA9819 Datasheet HTML 10Page - NXP Semiconductors TDA9819 Datasheet HTML 11Page - NXP Semiconductors TDA9819 Datasheet HTML 12Page - NXP Semiconductors TDA9819 Datasheet HTML 13Page - NXP Semiconductors TDA9819 Datasheet HTML 14Page - NXP Semiconductors TDA9819 Datasheet HTML 15Page - NXP Semiconductors TDA9819 Datasheet HTML 16Page - NXP Semiconductors TDA9819 Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 40 page
background image
1998 Jul 14
13
Philips Semiconductors
Product specification
Multistandard vision and sound-IF PLL with
DVB-IF processing
TDA9819
AFC circuit (pin 23); see Fig.7 and note 16
SUSA
control steepness
∆I23/∆ff0 = 45.75 MHz; see Fig.12
and note 17
0.6
0.91
1.2
µA/kHz
SEUR
f0 = 38.9 MHz; see Fig.12
and note 17
0.5
0.72
1.0
µA/kHz
frequency variation by
temperature
IAFC = 0; note 5
−−
±20
ppm/K
Vo,23
output voltage upper limit
see Fig.7
VP − 0.6 VP − 0.3 −
V
output voltage lower limit
see Fig.7
−
0.3
0.6
V
Io,23(source)
output source current
150
200
250
µA
Io,23(sink)
output sink current
150
200
250
µA
∆I
23(p-p)
residual video modulation
current (peak-to-peak value)
M, B/G and L standard
−
20
30
µA
Sound IF amplifier (pins 31 and 32); note 18
Vi SIF(rms)
input signal voltage sensitivity
(RMS value)
FM mode;
−3 dB at
intercarrier output pin 20
−
40
70
µV
AM mode;
−3 dB at
AF output pin 12
−
80
110
µV
Vi max(rms)
maximum input signal voltage
(RMS value)
FM mode; +1 dB at
intercarrier output pin 20
40
80
−
mV
AM mode; +1 dB at
AF output pin 12
100
160
−
mV
GSIFcr
SIF gain control range
FM and AM mode; see Fig.4 59
64
−
dB
Ri(diff)
differential input resistance
note 2
1.7
2.2
2.7
k
Ω
Ci(diff)
differential input capacitance
note 2
1.2
1.7
2.5
pF
VI(31,32)
DC input voltage
−
3.4
−
V
α
SIF,VIF
crosstalk attenuation between
SIF and VIF input
between pins 1, 2, 4 and 5
and pins 31 and 32;
notes 2 and 3
50
−−
dB
SIF-AGC detector (pin 8)
I8
charging current
FM mode
8
12
16
µA
AM mode
0.8
1.2
1.6
µA
discharging current
FM mode
8
12
16
µA
normal mode AM
1
1.4
1.8
µA
fast mode AM
60
85
110
µA
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
f
∆
IF
T
∆
---------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com