Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P2804NVG Datasheet(PDF) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

Part # P2804NVG
Description  N-Channel and P-Channel Enhancement Mode Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BYCHIP [BYCHIP ELECTRONICS CO., LIMITED]
Direct Link  http://www.bychip.cn/
Logo BYCHIP - BYCHIP ELECTRONICS CO., LIMITED

P2804NVG Datasheet(HTML) 2 Page - BYCHIP ELECTRONICS CO., LIMITED

  P2804NVG Datasheet HTML 1Page - BYCHIP ELECTRONICS CO., LIMITED P2804NVG Datasheet HTML 2Page - BYCHIP ELECTRONICS CO., LIMITED P2804NVG Datasheet HTML 3Page - BYCHIP ELECTRONICS CO., LIMITED P2804NVG Datasheet HTML 4Page - BYCHIP ELECTRONICS CO., LIMITED P2804NVG Datasheet HTML 5Page - BYCHIP ELECTRONICS CO., LIMITED P2804NVG Datasheet HTML 6Page - BYCHIP ELECTRONICS CO., LIMITED P2804NVG Datasheet HTML 7Page - BYCHIP ELECTRONICS CO., LIMITED P2804NVG Datasheet HTML 8Page - BYCHIP ELECTRONICS CO., LIMITED P2804NVG Datasheet HTML 9Page - BYCHIP ELECTRONICS CO., LIMITED  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
NMOS Specifications T
J = 25ºC, unless otherwise noted
Parameter
Symbol
Test Conditions
Value
Unit
Min.
Typ.
Max.
Static Parameters
Drain-Source Breakdown Voltage
V
(BR)DSS
V
GS = 0V, ID = 250µA
60
--
--
V
Zero Gate Voltage Drain Current
I
DSS
V
DS = 60V, VGS = 0V, TJ = 25º
C
--
--
1
μA
Gate-Source Leakage
I
GSS
V
GS = ±20V
--
--
±100
nA
Gate-Source Threshold Voltage
V
GS(th)
V
DS = VGS, ID = 250µA
1.0
2.5
V
Drain-Source On-Resistance
R
DS(on)
V
GS = 10V, ID = 6A
--
30
m
Ω
V
GS = 4.5V, ID = 4A
--
33
Forward Transconductance
g
FS
VDS=5V,ID=6A
--
12.5
--
S
Dynamic Parameters
Input Capacitance
C
iss
V
GS = 0V,
V
DS = 30V,
f = 1.0MHz
--
1350
--
pF
Output Capacitance
C
oss
--
54
--
Reverse Transfer Capacitance
C
rss
--
51
--
Total Gate Charge
Q
g
V
DS = 30V,
I
D = 5A,
V
GS = 10V
--
22
--
nC
Gate-Source Charge
Q
gs
--
3.3
--
Gate-Drain Charge
Q
gd
--
5.2
--
Turn-on Delay Time
t
d(on)
V
DD = 30V,
I
D = 5A,
R
G = 3Ω
--
5.2
--
ns
Turn-on Rise Time
t
r
--
3
--
Turn-off Delay Time
t
d(off)
--
17
--
Turn-off Fall Time
t
f
--
2.5
--
Drain-Source Body Diode Characteristics
Body Diode Voltage
V
SD
T
J = 25º
C, I
SD = 6A, VGS = 0V
--
--
1.2
V
Continuous Body Diode Current
I
S
T
C = 25º
C
--
--
6
A
Notes
1.
Repetitive Rating: Pulse width limited by maximum junction temperature
2.
Identical low side and high side switch with identical R
G
www.bychip.cn
P2804NVG
v2.0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com