Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LF400ACH Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LF400ACH
Description  Fast-Settling JFET-Input Operational Amplifier
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LF400ACH Datasheet(HTML) 2 Page - National Semiconductor (TI)

  LF400ACH Datasheet HTML 1Page - National Semiconductor (TI) LF400ACH Datasheet HTML 2Page - National Semiconductor (TI) LF400ACH Datasheet HTML 3Page - National Semiconductor (TI) LF400ACH Datasheet HTML 4Page - National Semiconductor (TI) LF400ACH Datasheet HTML 5Page - National Semiconductor (TI) LF400ACH Datasheet HTML 6Page - National Semiconductor (TI) LF400ACH Datasheet HTML 7Page - National Semiconductor (TI) LF400ACH Datasheet HTML 8Page - National Semiconductor (TI) LF400ACH Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Absolute Maximum Ratings (Notes12)
If MilitaryAerospace specified devices are required
please contact the National Semiconductor Sales
OfficeDistributors for availability and specifications
Supply Voltage
g18V
Differential Input Voltage
g32V
Input Voltage Range (Note 3)
g16V
Output Short Circuit Duration (Pin 6)
Continuous
Power Dissipation (Note 4) H package
500 mW
Junction Temperature (TJMAX)
150 C
Storage Temperature
b65 Cto a150 C
Lead Temperature (Soldering 10 sec)
a300 C
ESD Susceptibility (Note 9)
800V
Operating Ratings (Notes12)
Temperature Range
TMIN
s TA s TMAX
LF400AMH LF400MH
b55 C s TA s a125 C
LF400ACH LF400CH
0 C s TA
s
a70 C
Positive Supply Voltage
a10V to a16V
Negative Supply Voltage
b10V to b16V
AC Electrical Characteristics (LF400ACH LF400CH)
The following specifications apply for V
a ea15V and Vb eb15V unless otherwise specified
Tested Limits in Boldface apply for TJ e 25 Cto95 C Design Limits in Boldface apply for TA e TMIN to
TMAX other Design Limits are for TA e 25 C all other limits for TJ e 25 C
LF400ACH
LF400CH
Symbol
Parameter
Conditions
Typical
Tested
Design
Typical
Tested
Design
Units
(Note 6)
Limit
Limit
(Note 6)
Limit
Limit
(Note 7) (Note 8)
(Note 7) (Note 8)
ts
Settling Time to 001%
See
Figure 1
365
365
ns
to 010%
See
Figure 1
200
200
ns
GBW
Minimum Gain
AV ea1 CL e 10 pF
16
14
16
14
MHz
Bandwidth Product
SR
Minimum Slew Rate
Av ea1 CL e 10 pF
30
27
30
27
V
ms
AV eb1 CL e 10 pF
60
60
V
ms
w
Phase Margin
AV ea1 CL e 10 pF
60
60
Degrees
en
Input Noise Voltage
f e 1 kHz RS e 100X
23
23
nV
0Hz
Broadband RS e 100X
23
23
mV rms
10 Hz to 10 kHz
in
Input Noise Current
f e 1 kHz
001
001
pA
0Hz
Broadband
10
10
pA rms
10 Hz to 10 kHz
THD
Total Harmonic Distortion f e 1 kHz AV eb1
0002
0002
%
RL e 10k
CIN
Input Capacitance
7
7
pF
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com