Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58LT128HSB Datasheet(PDF) 85 Page - STMicroelectronics

Part # M58LT128HSB
Description  128-Mbit (8 Mb 횞16, Multiple Bank, Multilevel interface, Burst) 1.8 V supply, Secure Flash memories
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58LT128HSB Datasheet(HTML) 85 Page - STMicroelectronics

Back Button M58LT128HSB Datasheet HTML 81Page - STMicroelectronics M58LT128HSB Datasheet HTML 82Page - STMicroelectronics M58LT128HSB Datasheet HTML 83Page - STMicroelectronics M58LT128HSB Datasheet HTML 84Page - STMicroelectronics M58LT128HSB Datasheet HTML 85Page - STMicroelectronics M58LT128HSB Datasheet HTML 86Page - STMicroelectronics M58LT128HSB Datasheet HTML 87Page - STMicroelectronics M58LT128HSB Datasheet HTML 88Page - STMicroelectronics M58LT128HSB Datasheet HTML 89Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 110 page
background image
M58LT128HST, M58LT128HSB
Common Flash Interface
85/110
Table 35.
Primary algorithm-specific extended query table
Offset
Data
Description
Value
(P)h = 10Ah
0050h
Primary Algorithm extended Query table unique ASCII string
“PRI”
"P"
0052h
"R"
0049h
"I"
(P+3)h =10Dh
0031h
Major version number, ASCII
"1"
(P+4)h = 10Eh
0033h
Minor version number, ASCII
"3"
(P+5)h = 10Fh
00E6h
Extended Query table contents for Primary Algorithm. Address
(P+5)h contains less significant byte.
bit 0 Chip Erase supported(1 = Yes, 0 = No)
bit 1 Erase Suspend supported(1 = Yes, 0 = No)
bit 2 Program Suspend supported(1 = Yes, 0 = No)
bit 3 Legacy Protect/Unprotect supported(1 = Yes, 0 = No)
bit 4 Queued Erase supported(1 = Yes, 0 = No)
bit 5 Instant individual block protection supported(1 = Yes, 0 =
No)
bit 6 Protection bits supported(1 = Yes, 0 = No)
bit 7 Page mode read supported(1 = Yes, 0 = No)
bit 8 Synchronous read supported(1 = Yes, 0 = No)
bit 9 Simultaneous operation supported(1 = Yes, 0 = No)
bit 10 to 31 Reserved; undefined bits are ‘0’. If bit 31 is ’1’ then
another 31 bit field of optional features follows at the end of the
bit-30 field.
No
Yes
Yes
No
No
Yes
Yes
Yes
Yes
Yes
0003h
(P+7)h = 111h
0000h
(P+8)h = 112h
0000h
(P+9)h = 113h
0001h
Supported Functions after Suspend
Read Array, Read Status Register and CFI Query
bit 0 Program supported after Erase Suspend (1 = Yes, 0 = No)
bit 7 to 1 Reserved; undefined bits are ‘0’
Yes
(P+A)h = 114h
0003h
Block Protect Status
Defines which bits in the Block Status Register section of the
Query are implemented.
bit 0 Block protect Status Register Protect/Unprotect
bit active (1 = Yes, 0 = No)
bit 1 Block Protection Status Register Lock-Down bit active (1
= Yes, 0 = No)
bit 15 to 2 Reserved for future use; undefined bits are ‘0’
Yes
No
(P+B)h = 115h
0000h
(P+C)h = 116h
0018h
VDD Logic Supply Optimum Program/Erase voltage (highest
performance)
bit 7 to 4 HEX value in volts
bit 3 to 0 BCD value in 100 mV
1.8V
(P+D)h = 117h
0090h
VPP Supply Optimum Program/Erase voltage
bit 7 to 4 HEX value in volts
bit 3 to 0 BCD value in 100 mV
9V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com