Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DJIXP972MCAA4 Datasheet(PDF) 5 Page - Intel Corporation

Part # DJIXP972MCAA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

DJIXP972MCAA4 Datasheet(HTML) 5 Page - Intel Corporation

  DJIXP972MCAA4 Datasheet HTML 1Page - Intel Corporation DJIXP972MCAA4 Datasheet HTML 2Page - Intel Corporation DJIXP972MCAA4 Datasheet HTML 3Page - Intel Corporation DJIXP972MCAA4 Datasheet HTML 4Page - Intel Corporation DJIXP972MCAA4 Datasheet HTML 5Page - Intel Corporation DJIXP972MCAA4 Datasheet HTML 6Page - Intel Corporation DJIXP972MCAA4 Datasheet HTML 7Page - Intel Corporation DJIXP972MCAA4 Datasheet HTML 8Page - Intel Corporation DJIXP972MCAA4 Datasheet HTML 9Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
Datasheet
5
Document Number: 302875-005
Revision Date: 27-Oct-2005
16
100BASE-TX Transmission with Collision .......................................................... 44
17
Intel
® LXT972M Protocol Sublayers....................................................................45
18
LED Pulse Stretching ......................................................................................... 54
19
Intel
® LXT972M Transceiver Typical Twisted-Pair Interface - Switch .................58
20
Intel
® LXT972M Transceiver Typical Twisted-Pair Interface - NIC .....................59
21
Intel
® LXT972M Transceiver Typical Media Independent Interface ....................60
22
Intel
® LXT972M Transceiver 100BASE-TX Receive Timing ...............................65
23
Intel
® LXT972M Transceiver 100BASE-TX Transmit Timing ..............................66
24
Intel
® LXT972M Transceiver 10BASE-T Receive Timing ...................................67
25
Intel
® LXT972M Transceiver 10BASE-T Transmit Timing ..................................68
26
Intel
® LXT972M Transceiver 10BASE-T Jabber and Unjabber Timing...............69
27
Intel
® LXT972M Transceiver 10BASE-T SQE (Heartbeat) Timing......................70
28
Intel
® LXT972M Transceiver Auto-Negotiation and Fast Link Pulse Timing .......71
29
Intel
® LXT972M Transceiver Fast Link Pulse Timing..........................................71
30
Intel
® LXT972M Transceiver MDIO Input Timing ................................................72
31
Intel
® LXT972M Transceiver MDIO Output Timing .............................................72
32
Intel
® LXT972M Transceiver Power-Up Timing ..................................................73
33
Intel
® LXT972M Transceiver RESET_L Pulse Width and Recovery Timing .......74
34
PHY Identifier Bit Mapping ................................................................................. 78
35
Intel
® LXT972M Transceiver LQFP Package Specifications...............................90
36
Sample LQFP Package - Intel
® LXT972M Transceiver ......................................91
37
Sample Pb-Free (RoHS-Compliant) LQFP Package - Intel
® LX972M Transceiver
91
38
Order Matrix for Intel
® LXT972M Transceiver .....................................................92
Tables
1
Related Documents from Intel............................................................................. 10
2
Intel® LXT972M Transceiver Signal Types ......................................................... 13
3
Intel® LXT972M Transceiver LQFP Numeric Pin List.......................................... 13
4
Intel® LXT972M Transceiver MII Data Interface Signal Descriptions.................. 16
5
Intel® LXT972M Transceiver MII Controller Interface Signal Descriptions .......... 17
6
Intel® LXT972M Transceiver Network Interface Signal Descriptions .................. 17
7
Intel® LXT972M Transceiver Standard Bus and Interface Signal Descriptions... 17
8
Intel® LXT972M Transceiver Configuration and LED Driver Signal Descriptions 18
9
Intel® LXT972M Transceiver Power, Ground, No-Connect Signal Descriptions . 19
10
Intel® LXT972M Transceiver JTAG Test Signal Descriptions ............................. 19
11
Intel® LXT972M Transceiver Pin Types and Modes ........................................... 20
12
Intel® LXT972M Transceiver - PHY Device Address Selections......................... 26
13
Hardware Configuration Settings for Intel® LXT972M Transceiver .....................33
14
Carrier Sense, Loopback, and Collision Conditions ............................................ 39
15
4B/5B Coding ...................................................................................................... 46
16
Valid JTAG Instructions....................................................................................... 55
17
BSR Mode of Operation ...................................................................................... 56
18
Device ID Register for Intel® LXT972M Transceiver ........................................... 56
19
Magnetics Requirements.....................................................................................57
20
I/O Pin Comparison of NIC and Switch RJ-45 Setups ........................................57
21
Absolute Maximum Ratings for Intel® LXT972M Transceiver ............................. 61
22
Recommended Operating Conditions for Intel® LXT972M Transceiver ..............61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com