Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

M58WR064T Datasheet(PDF) 14 Page - STMicroelectronics

Part # M58WR064T
Description  64 Mbit (4Mb x 16, Multiple Bank, Burst ) 1.8V Supply Flash Memory
PDF  81 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M58WR064T Datasheet(HTML) 14 Page - STMicroelectronics

Back Button M58WR064T Datasheet HTML 10Page - STMicroelectronics M58WR064T Datasheet HTML 11Page - STMicroelectronics M58WR064T Datasheet HTML 12Page - STMicroelectronics M58WR064T Datasheet HTML 13Page - STMicroelectronics M58WR064T Datasheet HTML 14Page - STMicroelectronics M58WR064T Datasheet HTML 15Page - STMicroelectronics M58WR064T Datasheet HTML 16Page - STMicroelectronics M58WR064T Datasheet HTML 17Page - STMicroelectronics M58WR064T Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 81 page
background image
M58WR064T, M58WR064B
14/81
If the second bus cycle is not Write Erase Confirm
(D0h), Status Register bits 4 and 5 are set and the
command aborts. Erase aborts if Reset turns to
VIL. As data integrity cannot be guaranteed when
the Erase operation is aborted, the block must be
erased again.
Once the command is issued the device outputs
the Status Register data when any address within
the bank is read. At the end of the operation the
bank will remain in Read Status Register mode un-
til a Read Array, Read CFI Query or Read Elec-
tronic Signature command is issued.
During Erase operations the bank containing the
block being erased will only accept the Read Ar-
ray, Read Status Register, Read Electronic Signa-
ture, Read CFI Query and the Program/Erase
Suspend command, all other commands will be ig-
nored. Refer to Dual Operations section for de-
tailed information about simultaneous operations
allowed in banks not being erased. Typical Erase
times are given in Table 14, Program, Erase
Times and Program/Erase Endurance Cycles.
See Appendix C, Figure 22, Block Erase Flow-
chart and Pseudo Code, for a suggested flowchart
for using the Block Erase command.
Bank Erase Command
The Bank Erase command can be used to erase a
bank. It sets all the bits within the selected bank to
’1’. All previous data in the bank is lost. The Bank
Erase command will ignore any protected blocks
within the bank. If all blocks in the bank are pro-
tected then the Bank Erase operation will abort
and the data in the bank will not be changed. The
Status Register will not output any error.
Two Bus Write cycles are required to issue the
command.
s
The first bus cycle sets up the Bank Erase
command.
s
The second latches the bank address in the
internal state machine and starts the Program/
Erase Controller.
If the second bus cycle is not Write Bank Erase
Confirm (D0h), Status Register bits b4 and b5 are
set and the command aborts. Erase aborts if Re-
set turns to VIL. As data integrity cannot be guar-
anteed when the Erase operation is aborted, the
bank must be erased again.
Once the command is issued the device outputs
the Status Register data when any address within
the bank is read. At the end of the operation the
bank will remain in Read Status Register mode un-
til a Read Array, Read CFI Query or Read Elec-
tronic Signature command is issued.
During Bank Erase operations the bank being
erased will only accept the Read Array, Read Sta-
tus Register, Read Electronic Signature and Read
CFI Query command, all other commands will be
ignored. A Bank Erase operation cannot be sus-
pended.
Refer to Dual Operations section for detailed infor-
mation about simultaneous operations allowed in
banks not being erased. Typical Erase times are
given in Table 14, Program, Erase Times and Pro-
gram/Erase Endurance Cycles.
Program Command
The memory array can be programmed word-by-
word. Only one Word in one bank can be pro-
grammed at any one time. Two bus write cycles
are required to issue the Program Command.
s
The first bus cycle sets up the Program
command.
s
The second latches the Address and the Data to
be written and starts the Program/Erase
Controller.
After programming has started, read operations in
the bank being programmed output the Status
Register content.
During Program operations the bank being pro-
grammed will only accept the Read Array, Read
Status Register, Read Electronic Signature, Read
CFI Query and the Program/Erase Suspend com-
mand. Refer to Dual Operations section for de-
tailed information about simultaneous operations
allowed in banks not being programmed. Typical
Program times are given in Table 14, Program,
Erase Times and Program/Erase Endurance Cy-
cles.
Programming aborts if Reset goes to VIL. As data
integrity cannot be guaranteed when the program
operation is aborted, the memory location must be
reprogrammed.
See Appendix C, Figure 18, Program Flowchart
and Pseudo Code, for the flowchart for using the
Program command.
Program/Erase Suspend Command
The Program/Erase Suspend command is used to
pause a Program or Block Erase operation. A
Bank Erase operation cannot be suspended.
One bus write cycle is required to issue the Pro-
gram/Erase command. Once the Program/Erase
Controller has paused bits 7, 6 and/ or 2 of the Sta-
tus Register will be set to ‘1’. The command can be
addressed to any bank.
During Program/Erase Suspend the Command In-
terface will accept the Program/Erase Resume,
Read Array (cannot read the suspended block),
Read Status Register, Read Electronic Signature
and Read CFI Query commands. Additionally, if
the suspend operation was Erase then the Clear
status Register, Program, Block Lock, Block Lock-
Down or Protection Program commands will also
be accepted. The block being erased may be pro-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com