Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDA9874APS Datasheet(PDF) 19 Page - NXP Semiconductors

Part # TDA9874APS
Description  Digital TV sound demodulator/decoder
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

TDA9874APS Datasheet(HTML) 19 Page - NXP Semiconductors

Back Button TDA9874APS Datasheet HTML 15Page - NXP Semiconductors TDA9874APS Datasheet HTML 16Page - NXP Semiconductors TDA9874APS Datasheet HTML 17Page - NXP Semiconductors TDA9874APS Datasheet HTML 18Page - NXP Semiconductors TDA9874APS Datasheet HTML 19Page - NXP Semiconductors TDA9874APS Datasheet HTML 20Page - NXP Semiconductors TDA9874APS Datasheet HTML 21Page - NXP Semiconductors TDA9874APS Datasheet HTML 22Page - NXP Semiconductors TDA9874APS Datasheet HTML 23Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 68 page
background image
1999 Dec 03
19
Philips Semiconductors
Preliminary specification
Digital TV sound demodulator/decoder
TDA9874A
SIF1 and SIF2 analog inputs
VSIF(max)(p-p)
maximum composite SIF input
voltage before clipping
(peak-to-peak value)
SIF input level adjustment
0dB
−
941
−
mV
SIF input level adjustment
−10 dB
−
2976
−
mV
VSIF(min)(p-p)
minimum composite SIF input
voltage for lower limit of AGC
(peak-to-peak value)
SIF input level adjustment
0dB
−
59
−
mV
SIF input level adjustment
−10 dB
−
188
−
mV
AGC
AGC range
−
24
−
dB
fi
input frequency
4
−
9.2
MHz
Ri
input resistance
AGCLEV = 0
10
−−
k
Ω
Ci
input capacitance
−
7.5
11
pF
∆fFM
FM deviation
B/G standard; THD < 1%
±100
−−
kHz
∆f
FM(FS)
FM deviation full-scale level
terrestrial FM; level
adjustment 0 dB;
demodulator filter bandwidth
set to narrow
±150
−−
kHz
∆fFM(max)
maximum FM deviation in high
deviation mode
B/G standard; THD < 1%;
demodulator filter bandwidth
set to extra wide
±335
−−
kHz
C/NFM
FM carrier-to-noise ratio
NFM bandwidth = 6 MHz;
white noise for S/N = 40 dB;
“CCIR468-2”; quasi peak
−
77
−
C/NN
NICAM carrier-to-noise ratio
NN bandwidth = 6 MHz; bit
error rate = 10−3; white
noise
−
66
−
α
ct
crosstalk attenuation
SIF1 to SIF2
fi = 4 to 9.2 MHz
50
−−
dB
Demodulator performance
Vo(nom)(rms)
nominal level output voltage
(RMS value)
note 1
400
500
600
mV
THD + N
total harmonic distortion plus
noise
from FM source to any
output; fi = 1 kHz; bandwidth
20 Hz to 20 kHz;
Vo = 1 V (RMS)
−
0.3
0.5
%
from NICAM source to any
output; fi = 1 kHz; bandwidth
20 Hz to 20 kHz;
Vo = 1 V (RMS)
−
0.1
0.3
%
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
dB
Hz
-------
dB
Hz
-------



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com