Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KBDELPS2.12 Datasheet(PDF) 2 Page - OSRAM GmbH

Part # KBDELPS2.12
Description  The TOPLED E1608 expands ams-OSRAM’s low power portfolio to meet the requirements in the field of illumination of switches and buttons in automotive interior applications.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KBDELPS2.12 Datasheet(HTML) 2 Page - OSRAM GmbH

  KBDELPS2.12 Datasheet HTML 1Page - OSRAM GmbH KBDELPS2.12 Datasheet HTML 2Page - OSRAM GmbH KBDELPS2.12 Datasheet HTML 3Page - OSRAM GmbH KBDELPS2.12 Datasheet HTML 4Page - OSRAM GmbH KBDELPS2.12 Datasheet HTML 5Page - OSRAM GmbH KBDELPS2.12 Datasheet HTML 6Page - OSRAM GmbH KBDELPS2.12 Datasheet HTML 7Page - OSRAM GmbH KBDELPS2.12 Datasheet HTML 8Page - OSRAM GmbH KBDELPS2.12 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
KB DELPS2.12
DATASHEET
DATASHEET
2 | Version 1.10 | 2024-05-15
TOPLED® E1608
KB DELPS2.12
The TOPLED E1608 expands ams-OSRAM’s low power portfo-
lio to meet the requirements in the field of illumination of switch-
es and buttons in automotive interior applications. The TOPLED
E1608 offers one of the smallest LED industry standard foot-
prints in a highly reliable and well proved package concept. The
TOPLED E1608 is available in different colors and brightness
levels. Its outstanding performance is suitable for a huge variety
of applications where a small package design with excellent reli-
ability is needed.
Applications
- Ambient Lighting
- Appliances & Tools
- Automotive Aftermarket
- Functional Illumination
Features
- Package: white SMT package, colorless clear resin
- Chip technology: Volume emitter on Sapphire (AlInGaN)
- Typ. Radiation: 120° (Lambertian emitter)
- Color: λ
dom = 466 nm (● blue)
- Corrosion Robustness Class: 2B
- Qualifications: AEC-Q102 Qualified
- ESD: 2 kV acc. to ANSI/ESDA/JEDEC JS-001 (HBM, Class 2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com