Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KSDELPS1.22 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # KSDELPS1.22
Description  The TOPLED E1608 expands ams OSRAM’s low power portfolio to meet the requirements in the field of illumination of switches and buttons in automotive interior applications.
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KSDELPS1.22 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button KSDELPS1.22 Datasheet HTML 8Page - OSRAM GmbH KSDELPS1.22 Datasheet HTML 9Page - OSRAM GmbH KSDELPS1.22 Datasheet HTML 10Page - OSRAM GmbH KSDELPS1.22 Datasheet HTML 11Page - OSRAM GmbH KSDELPS1.22 Datasheet HTML 12Page - OSRAM GmbH KSDELPS1.22 Datasheet HTML 13Page - OSRAM GmbH KSDELPS1.22 Datasheet HTML 14Page - OSRAM GmbH KSDELPS1.22 Datasheet HTML 15Page - OSRAM GmbH KSDELPS1.22 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 23 page
background image
KS DELPS1.22
DATASHEET
DATASHEET
12 | Version 1.12 | 2024-06-20
Dimensional Drawing 9)
Further Information:
Approximate Weight:
2.0 mg
Package marking:
Anode
Corrosion test:
Class: 2B
Test condition: 25°C / 75 % RH / 10 ppm H
2S / 21 days (IEC 60068-2-43)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com