Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MBR5H100MFS Datasheet(PDF) 3 Page - ON Semiconductor

Part # MBR5H100MFS
Description  Switch-mode Power Rectifiers
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MBR5H100MFS Datasheet(HTML) 3 Page - ON Semiconductor

  MBR5H100MFS Datasheet HTML 1Page - ON Semiconductor MBR5H100MFS Datasheet HTML 2Page - ON Semiconductor MBR5H100MFS Datasheet HTML 3Page - ON Semiconductor MBR5H100MFS Datasheet HTML 4Page - ON Semiconductor MBR5H100MFS Datasheet HTML 5Page - ON Semiconductor MBR5H100MFS Datasheet HTML 6Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
MBR5H100MFS, NRVB5H100MFS
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Typical Instantaneous Forward
Characteristics
Figure 2. Maximum Instantaneous Forward
Characteristics
Figure 3. Typical Reverse Current
Characteristics
Figure 4. Maximum Reverse Current
Characteristics
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
VR, INSTANTANEOUS REVERSE VOLTAGE (V)
90
80
60
40
30
20
10
0
1.E−10
90
80
60
50
40
20
10
0
Figure 5. Typical Junction Capacitance
Figure 6. Forward Surge Safe Operating Area
VR, REVERSE VOLTAGE (V)
PULSE DURATION (ms)
90
80
60
50
30
20
10
0
10
100
1000
10,000
4.0
3.0
2.0
1.0
0
140
160
180
200
220
260
280
300
−40°C
25°C
150°C
125°C
175°C
50
70
100
1.E−09
1.E−08
1.E−07
1.E−06
1.E−05
1.E−04
1.E−03
1.E−02
1.E+00
1.E−08
1.E−07
1.E−06
1.E−05
1.E−04
1.E−03
1.E−02
1.E+00
30
70
100
1.E−01
−40°C
25°C
150°C
125°C
175°C
40
70
100
240
Single pulse non−repetitive square
wave 25°C ambient
Mounted on a minimum pad, FR4
board, 1 oz. copper pour
1.E−01
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
VF, INSTANTANEOUS FORWARD VOLTAGE (V)
1.8
1.6
1.0
0.8
0.6
0.4
0.2
0
0.1
1
10
1.2 1.4
2.0
−40°C
25°C
150°C
125°C
175°C
1.8
1.6
1.0
0.8
0.6
0.4
0.2
0
0.1
1
10
1.2 1.4
2.0
−40°C
25°C
125°C
175°C



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com