Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LBCRBP.01 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LBCRBP.01
Description  The OSLON® Signal combines a compact form factor with high efficiency and electrically insulated thermal pad.
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LBCRBP.01 Datasheet(HTML) 1 Page - OSRAM GmbH

  LBCRBP.01 Datasheet HTML 1Page - OSRAM GmbH LBCRBP.01 Datasheet HTML 2Page - OSRAM GmbH LBCRBP.01 Datasheet HTML 3Page - OSRAM GmbH LBCRBP.01 Datasheet HTML 4Page - OSRAM GmbH LBCRBP.01 Datasheet HTML 5Page - OSRAM GmbH LBCRBP.01 Datasheet HTML 6Page - OSRAM GmbH LBCRBP.01 Datasheet HTML 7Page - OSRAM GmbH LBCRBP.01 Datasheet HTML 8Page - OSRAM GmbH LBCRBP.01 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LB CRBP.01
DATASHEET
DATASHEET
1 | Version 1.3 | 2023-04-06
www.osram-os.com
LB CRBP.01
Datasheet
Published by ams-OSRAM AG
Tobelbader Strasse 30, 8141 Premstaetten, Austria
Phone +43 3136 500-0
ams-osram.com
© All rights reserved


Similar Part No. - LBCRBP.01

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LBCRBP OSRAM-LBCRBP Datasheet
938Kb / 21P
OSLON Signal
LBCRBP-HXJX-46-8E8G OSRAM-LBCRBP-HXJX-46-8E8G Datasheet
938Kb / 21P
OSLON Signal
LBCRBP-HXJX-47-1 OSRAM-LBCRBP-HXJX-47-1 Datasheet
938Kb / 21P
Signal and Symbol Luminary
More results

Similar Description - LBCRBP.01

ManufacturerPart #DatasheetDescription
logo
American Electronic Com...
DA30-P736 AEC-DA30-P736 Datasheet
327Kb / 2P
compact form factor
logo
Laird Tech Smart Techno...
LA-075-24-02-00-00 LSTD-LA-075-24-02-00-00 Datasheet
264Kb / 3P
Compact form factor
LA-024-12-02-00-00 LSTD-LA-024-12-02-00-00 Datasheet
262Kb / 3P
Compact form factor
LA-160-24-02-00-00 LSTD-LA-160-24-02-00-00 Datasheet
307Kb / 3P
Compact form factor
DL-210-24-00-00-00 LSTD-DL-210-24-00-00-00 Datasheet
241Kb / 3P
Compact form factor
logo
Vishay Siliconix
VS-90-110MT.KPBF VISHAY-VS-90-110MT.KPBF Datasheet
220Kb / 8P
High thermal conductivity package, electrically insulated case
03-Mar-14
logo
AVAGO TECHNOLOGIES LIMI...
ALMD-EL3E AVAGO-ALMD-EL3E Datasheet
655Kb / 12P
Compact form factor
ALMD-EL3D AVAGO-ALMD-EL3D Datasheet
1Mb / 14P
Compact form factor
logo
Vishay Siliconix
VS-GBPC VISHAY-VS-GBPC Datasheet
153Kb / 7P
High thermal conductivity package, electrically insulated case
27-May-15
logo
ams AG
GWJDSTS2.CM AMSCO-GWJDSTS2.CM Datasheet
2Mb / 26P
Introducing the new Generation-2 DURIS® E 5 which combines higher efficacy and higher flux in a compact industry-compatible form factor (5.6 mm x 3.0 mm).
Version 1.5 2023-03-09
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com