Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FALXT972MBAA4 Datasheet(PDF) 32 Page - Intel Corporation

Part # FALXT972MBAA4
Description  Single-Port 10/100 Mbps PHY Transceiver
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

FALXT972MBAA4 Datasheet(HTML) 32 Page - Intel Corporation

Back Button FALXT972MBAA4 Datasheet HTML 28Page - Intel Corporation FALXT972MBAA4 Datasheet HTML 29Page - Intel Corporation FALXT972MBAA4 Datasheet HTML 30Page - Intel Corporation FALXT972MBAA4 Datasheet HTML 31Page - Intel Corporation FALXT972MBAA4 Datasheet HTML 32Page - Intel Corporation FALXT972MBAA4 Datasheet HTML 33Page - Intel Corporation FALXT972MBAA4 Datasheet HTML 34Page - Intel Corporation FALXT972MBAA4 Datasheet HTML 35Page - Intel Corporation FALXT972MBAA4 Datasheet HTML 36Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 92 page
background image
Intel
® LXT972M Single-Port 10/100 Mbps PHY Transceiver
32
Datasheet
Document Number: 302875-005
Revision Date: 27-Oct-2005
• During a software reset, bit settings in Table 45, “Auto-Negotiation Advertisement Register -
Address 4, Hex 4” on page 79 are not re-read from the LXT972M Transceiver configuration
pins. Instead, the bit settings revert to the values that were read in during the last hardware
reset. Therefore, any changes to pin values made since the last hardware reset are not detected
during a software reset.
• During a software reset, registers are available for reading. To see when the LXT972M
Transceiver has completed reset, the reset bit can be polled (that is, Register bit 0.15 = 0).
For pin settings used during a hardware reset, see Section 5.4.4, “Hardware Configuration
Settings”. During a hardware reset, configuration settings for auto-negotiation and speed are read
in from pins, and register information is unavailable for 1 ms after de-assertion of the reset.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com