Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MIC809-5SBC3 Datasheet(PDF) 2 Page - Micrel Semiconductor

Part # MIC809-5SBC3
Description  Microprocessor Reset Circuit
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC809-5SBC3 Datasheet(HTML) 2 Page - Micrel Semiconductor

  MIC809-5SBC3 Datasheet HTML 1Page - Micrel Semiconductor MIC809-5SBC3 Datasheet HTML 2Page - Micrel Semiconductor MIC809-5SBC3 Datasheet HTML 3Page - Micrel Semiconductor MIC809-5SBC3 Datasheet HTML 4Page - Micrel Semiconductor MIC809-5SBC3 Datasheet HTML 5Page - Micrel Semiconductor MIC809-5SBC3 Datasheet HTML 6Page - Micrel Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
MIC809-5
Micrel
M9999-071305
2
July 2005
Pin Description
Pin Number
Pin Name
Pin Function
1
GND
Ground return for all IC functions.
2
/RESET
Digital Output. Active-low. Asserted whenever VCC falls below the threshold
voltage. It will remain asserted for no less than 30ms and be de-asserted
after VCC returns above the threshold.
3
VCC
Analog Input. Power supply input to the IC.
Pin Configuration
1
GND
/RESET
VCC
3
2
MIC809-5
3-Lead SOT23
3-Lead SC-70



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com