| Electronic Components Datasheet Search |
|
TEA1069N Datasheet(PDF) 18 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
TEA1069N Datasheet(HTML) 18 Page - NXP Semiconductors |
|
18 / 44 page ![]() 1998 Jan 08 18 Philips Semiconductors Product specification Versatile speech/dialler/ringer with music-on-hold TEA1069; TEA1069A REGISTER RECALL: PINS DP/FL AND KT/EARTH The RECALL function results in a calibrated pulse which drives the electronic line current interrupter via pin DP/FL or KT/EARTH. Flash or earth selection and various flash interruption times depend on the diode options: FES A and FES B (diode GOS = on; see Fig.15). Fig.15 Recall mode timing diagram. tkd = key pressed time (depends on user). tholdover = hold-over time. tidp = interdigit pause time. tinterflash = interflash hold-over time (only for TEA1069A). a. Recall using flash; trc = recall time using flash. b. Recall using earth; tea = recall time using earth. handbook, full pagewidth MBH203 recall KEY DP/FL trc tholdover MUTE tkd tholdover recall KEY KT/EARTH tea MUTE tkd tinterflash tidp KEYBOARD: PINS ROW1 TO ROW5 AND COL1 TO COL6 The sense columns inputs and scanning rows outputs are directly connected to a single contact keyboard matrix. A second key entry will be valid after having released the first button and after having pressed the second button. Simultaneously pressing 2 buttons will disable the first entered key. A key entry becomes valid when the debounce time td has elapsed. The column and row pins (except ROW5) are HIGH when VDD is below power-on reset trip level and when RESET is HIGH. ROW5 is an open-drain input/output; this configuration is used to avoid current flowing in the on-line or standby state. A pull-up resistor should be connected to ROW5. ROW5 is LOW when VDD is below power-on reset trip level and when RESET is HIGH. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |