| Electronic Components Datasheet Search |
|
DS96F174ME/883 Datasheet(PDF) 3 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DS96F174ME/883 Datasheet(HTML) 3 Page - National Semiconductor (TI) |
|
3 / 10 page ![]() MICROCIRCUIT DATA SHEET MNDS96F174M-X REV 1B0 (Absolute Maximum Ratings) Supply Voltage 7.0V Enable Input Voltage 5.5V Maximum Power Dissipation at 25 C (Note 1, 2, 3) 2000mW E pkg 1800mW J pkg 1000mW W pkg Storage Temperature Range -65 C to + 175 C Lead Temperature Ceramic Dip 300 C (Soldering, 60 sec.) Note 1: Derate W Pkg 7.1 mW/C above 25C. Note 2: Derate E Pkg 13.3 mW/C above 25C. Note 3: Derate J Pkg 12.5 mW/C above 25C. Recommended Operating Conditions Output Current Low (Iol) 60mA Output Current High (Ioh) -60mA Supply Voltage (Vcc) Min=4.50V Typ=5.0V, Max=5.5V Common Mode Output Voltage (Voc) Min=-7.0V, Max=+12.0V Operating Temperature (Ta) Min=-55,Typ=+25,Max=+125c 3 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |