Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GQM1555C2DR10BB01 Datasheet(PDF) 3 Page - Murata Manufacturing Co., Ltd

Part # GQM1555C2DR10BB01
Description  Ceramic Capacitors(SMD)
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA1 [Murata Manufacturing Co., Ltd]
Direct Link  http://www.murata.com
Logo MURATA1 - Murata Manufacturing Co., Ltd

GQM1555C2DR10BB01 Datasheet(HTML) 3 Page - Murata Manufacturing Co., Ltd

  GQM1555C2DR10BB01 Datasheet HTML 1Page - Murata Manufacturing Co., Ltd GQM1555C2DR10BB01 Datasheet HTML 2Page - Murata Manufacturing Co., Ltd GQM1555C2DR10BB01 Datasheet HTML 3Page - Murata Manufacturing Co., Ltd GQM1555C2DR10BB01 Datasheet HTML 4Page - Murata Manufacturing Co., Ltd GQM1555C2DR10BB01 Datasheet HTML 5Page - Murata Manufacturing Co., Ltd GQM1555C2DR10BB01 Datasheet HTML 6Page - Murata Manufacturing Co., Ltd GQM1555C2DR10BB01 Datasheet HTML 7Page - Murata Manufacturing Co., Ltd GQM1555C2DR10BB01 Datasheet HTML 8Page - Murata Manufacturing Co., Ltd GQM1555C2DR10BB01 Datasheet HTML 9Page - Murata Manufacturing Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 32 page
background image
■ Specifications and Test Methods
1
2
3
4
5
6
7
8
9 Adhesive Strength of
Termination
No removal of the terminations or other defect should occur.
Mounting method
Solder the capacitor on the test substrate
Applied Force
5N
Holding Time
10+/-1s
Applied Direction
In parallel with the test substrate and vertical with the capacitor side
Temperature
Characteristics of
Capacitance
No bias
Nominal values of the temperature coefficientis is
The capacitance change should be measured after 5 min at each specified temp. stage.
shown in Rated value. But, the Capacitance Change
Capacitance value as a reference is the value in "*" marked step.
under Reference Temperature is shown inTable A.
Capacitance Drift
The capacitance drift is calculated by dividing the differences between the maximum and minimum
Capacitance Drift: Within +/-0.2% or +/-0.05pF
measured values in the step 1,3 and 5 by the cap. value in step 3.
(Whichever is larger.)
Temperature Step
Q or Dissipation Factor
(D.F.)
Q≧800+20C C:Nominal Capacitance(pF)
Measurement Temperature
Room Temperature
Measurement Frequency 1.0+/-0.1MHz
Measurement Voltage
0.5 to 5.0Vrms
Capacitance
Shown in Rated value.
Measurement Temperature
Room Temperature
Measurement Frequency 1.0+/-0.1MHz
Measurement Voltage
0.5 to 5.0Vrms
Insulation
Resistance(I.R.)
(Room Temperature)
More than 10000MΩ
Measurement Temperature
Room Temperature
Measurement Point
Between the terminations
Measurement Voltage
Rated Voltage
Charging Time
1min
Charge/discharge current
50mA max.
Voltage proof
No defects or abnormalities.
Measurement Point
Between the terminations
Test Voltage
250% of the rated voltage
Applied Time
1s to 5s
Charge/discharge current
50mA max.
Appearance
No defects or abnormalities.
Visual inspection
Dimension
Shown in Dimension.
Using Measuring instrument of dimension.
No
Item
Specification
Test Method(Ref. Standard:JIS C 5101 (all parts), IEC60384 (all parts))
Rated Voltage
Shown in Rated value.
The rated voltage is defined as the maximum voltage which may be applied continuously to the capacitor.
When AC voltage is superimposed on DC voltage, V(peak to peak) or V(zero to peak),
whichever is larger, should be maintained within the rated voltage range.
GQM1555C2DR10BB01-01A
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com