| Electronic Components Datasheet Search |
|
ML78L05A Datasheet(PDF) 2 Page - Micro Electronics |
|
|
|||||||||||||||||||||||||||||
ML78L05A Datasheet(HTML) 2 Page - Micro Electronics |
|
2 / 5 page ![]() Measurement is to be conducted is pulse testing. PARAMETER SYMBOL MIN. TYP. MAX. UNIT ML78L08A Output Voltage Vo VIN=14V Io=40mA 7.6 8.0 8.4 V Line Regulation 1 Δ Vo Vin 1 VIN=10.5V to 23V Io=40mA - - 175 mV Line Regulation 2 Δ Vo Vin 2 VIN=11V to 23V Io=40mA - - 125 mV Load Regulation 1 Δ Vo Io 1 VIN=14V - - 40 mV Load Regulation 2 Δ Vo Io 2 VIN=14V - - 80 mV Quiescent Current IQ VIN=14V Io=0mA - 4.0 6 mA Average Temperature Cofficient of Output Voltage Δ Vo / ΔT VIN=14V Io=1mA - 0.6 - mV/℃ Ripple Rejection RR 13V<VIN<23V Io=40mA ein=1Vp-p f=120Hz 37 46 - dB Output Noise Voltage VNO VIN=14V Io=40mA -54 - μ V ML78L09A Output Voltage Vo VIN=16V Io=40mA 8.55 9.0 9.45 V Line Regulation 1 Δ Vo Vin 1 VIN=12V to 24V Io=40mA - - 175 mV Line Regulation 2 Δ Vo Vin 2 VIN=13V to 24V Io=40mA - - 125 mV Load Regulation 1 Δ Vo Io 1 VIN=16V - - 40 mV Load Regulation 2 Δ Vo Io 2 VIN=16V - - 90 mV Quiescent Current IQ VIN=16V Io=0mA - 4.1 6 mA Average Temperature Cofficient of Output Voltage Δ Vo / ΔT VIN=16V Io=1mA - 0.65 - mV/℃ Ripple Rejection RR 15V<VIN<25V Io=40mA ein=1Vp-p f=120Hz 38 45 - dB Output Noise Voltage VNO VIN=16V Io=40mA -58 - μ V ML78L10A Output Voltage Vo VIN=17V Io=40mA 9.5 10.0 10.5 V Line Regulation 1 Δ Vo Vin 1 VIN=13V to 25V Io=40mA - - 175 mV Line Regulation 2 Δ Vo Vin 2 VIN=14V to 25V Io=40mA - - 125 mV Load Regulation 1 Δ Vo Io 1 VIN=17V - - 40 mV Load Regulation 2 Δ Vo Io 2 VIN=17V - - 90 mV Quiescent Current IQ VIN=17V Io=0mA - 4.2 6 mA Average Temperature Cofficient of Output Voltage Δ Vo / ΔT VIN=17V Io=1mA - 0.7 - mV/℃ Ripple Rejection RR 15V<VIN<25V Io=40mA ein=1Vp-p f=120Hz 37 44 - dB Output Noise Voltage VNO VIN=17V Io=40mA -62 - μ V ML78L12A Output Voltage Vo VIN=19V Io=40mA 11.4 12.0 12.6 V Line Regulation 1 Δ Vo Vin 1 VIN=14.5V to 27V Io=40mA - - 250 mV Line Regulation 2 Δ Vo Vin 2 VIN=16V to 27V Io=40mA - - 200 mV Load Regulation 1 Δ Vo Io 1 VIN=19V - - 50 mV Load Regulation 2 Δ Vo Io 2 VIN=19V - - 100 mV Quiescent Current IQ VIN=19V Io=0mA - 4.3 6.5 mA Average Temperature Cofficient of Output Voltage Δ Vo / ΔT VIN=19V Io=1mA - 0.9 - mV/℃ Ripple Rejection RR 15V<VIN<25V Io=40mA ein=1Vp-p f=120Hz 37 42 - dB Output Noise Voltage VNO VIN=19V Io=40mA -70 - μ V Io=1 to 100mA BW=10Hz to 100KHz ELECTRICAL CHARACTERISTICS (Tj=25℃,CIN=0.33μF,Co=0.1μF) Io=1 to 100mA BW=10Hz to 100KHz Io=1 to 40mA TEST CONDITIONS Io=1 to 40mA Io=1 to 100mA BW=10Hz to 100KHz Io=1 to 40mA Io=1 to 100mA BW=10Hz to 100KHz Io=1 to 40mA Sheet 2 of 5 |
|
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |