Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ML78L06A Datasheet(PDF) 2 Page - Micro Electronics

Part # ML78L06A
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

ML78L06A Datasheet(HTML) 2 Page - Micro Electronics

  ML78L06A Datasheet HTML 1Page - Micro Electronics ML78L06A Datasheet HTML 2Page - Micro Electronics ML78L06A Datasheet HTML 3Page - Micro Electronics ML78L06A Datasheet HTML 4Page - Micro Electronics ML78L06A Datasheet HTML 5Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Measurement is to be conducted is pulse testing.
PARAMETER
SYMBOL
MIN. TYP. MAX. UNIT
ML78L08A
Output Voltage
Vo
VIN=14V
Io=40mA
7.6
8.0
8.4
V
Line Regulation 1
Δ
Vo Vin 1 VIN=10.5V to 23V
Io=40mA
-
-
175
mV
Line Regulation 2
Δ
Vo Vin 2 VIN=11V to 23V
Io=40mA
-
-
125
mV
Load Regulation 1
Δ
Vo Io 1 VIN=14V
-
-
40
mV
Load Regulation 2
Δ
Vo Io 2 VIN=14V
-
-
80
mV
Quiescent Current
IQ
VIN=14V
Io=0mA
-
4.0
6
mA
Average Temperature
Cofficient of Output Voltage
Δ
Vo / ΔT VIN=14V
Io=1mA
-
0.6
-
mV/℃
Ripple Rejection
RR
13V<VIN<23V
Io=40mA
ein=1Vp-p
f=120Hz
37
46
-
dB
Output Noise Voltage
VNO
VIN=14V
Io=40mA
-54
-
μ
V
ML78L09A
Output Voltage
Vo
VIN=16V
Io=40mA
8.55
9.0
9.45
V
Line Regulation 1
Δ
Vo Vin 1 VIN=12V to 24V
Io=40mA
-
-
175
mV
Line Regulation 2
Δ
Vo Vin 2 VIN=13V to 24V
Io=40mA
-
-
125
mV
Load Regulation 1
Δ
Vo Io 1 VIN=16V
-
-
40
mV
Load Regulation 2
Δ
Vo Io 2 VIN=16V
-
-
90
mV
Quiescent Current
IQ
VIN=16V
Io=0mA
-
4.1
6
mA
Average Temperature
Cofficient of Output Voltage
Δ
Vo / ΔT VIN=16V
Io=1mA
-
0.65
-
mV/℃
Ripple Rejection
RR
15V<VIN<25V
Io=40mA
ein=1Vp-p
f=120Hz
38
45
-
dB
Output Noise Voltage
VNO
VIN=16V
Io=40mA
-58
-
μ
V
ML78L10A
Output Voltage
Vo
VIN=17V
Io=40mA
9.5
10.0
10.5
V
Line Regulation 1
Δ
Vo Vin 1 VIN=13V to 25V
Io=40mA
-
-
175
mV
Line Regulation 2
Δ
Vo Vin 2 VIN=14V to 25V
Io=40mA
-
-
125
mV
Load Regulation 1
Δ
Vo Io 1 VIN=17V
-
-
40
mV
Load Regulation 2
Δ
Vo Io 2 VIN=17V
-
-
90
mV
Quiescent Current
IQ
VIN=17V
Io=0mA
-
4.2
6
mA
Average Temperature
Cofficient of Output Voltage
Δ
Vo / ΔT VIN=17V
Io=1mA
-
0.7
-
mV/℃
Ripple Rejection
RR
15V<VIN<25V
Io=40mA
ein=1Vp-p
f=120Hz
37
44
-
dB
Output Noise Voltage
VNO
VIN=17V
Io=40mA
-62
-
μ
V
ML78L12A
Output Voltage
Vo
VIN=19V
Io=40mA
11.4
12.0
12.6
V
Line Regulation 1
Δ
Vo Vin 1 VIN=14.5V to 27V
Io=40mA
-
-
250
mV
Line Regulation 2
Δ
Vo Vin 2 VIN=16V to 27V
Io=40mA
-
-
200
mV
Load Regulation 1
Δ
Vo Io 1 VIN=19V
-
-
50
mV
Load Regulation 2
Δ
Vo Io 2 VIN=19V
-
-
100
mV
Quiescent Current
IQ
VIN=19V
Io=0mA
-
4.3
6.5
mA
Average Temperature
Cofficient of Output Voltage
Δ
Vo / ΔT VIN=19V
Io=1mA
-
0.9
-
mV/℃
Ripple Rejection
RR
15V<VIN<25V
Io=40mA
ein=1Vp-p
f=120Hz
37
42
-
dB
Output Noise Voltage
VNO
VIN=19V
Io=40mA
-70
-
μ
V
Io=1 to 100mA
BW=10Hz to 100KHz
ELECTRICAL CHARACTERISTICS
(Tj=25℃,CIN=0.33μF,Co=0.1μF)
Io=1 to 100mA
BW=10Hz to 100KHz
Io=1 to 40mA
TEST CONDITIONS
Io=1 to 40mA
Io=1 to 100mA
BW=10Hz to 100KHz
Io=1 to 40mA
Io=1 to 100mA
BW=10Hz to 100KHz
Io=1 to 40mA
Sheet 2 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com