Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ML78L08A Datasheet(PDF) 1 Page - Micro Electronics

Part # ML78L08A
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

ML78L08A Datasheet(HTML) 1 Page - Micro Electronics

  ML78L08A Datasheet HTML 1Page - Micro Electronics ML78L08A Datasheet HTML 2Page - Micro Electronics ML78L08A Datasheet HTML 3Page - Micro Electronics ML78L08A Datasheet HTML 4Page - Micro Electronics ML78L08A Datasheet HTML 5Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
ABSOLUTE MAXIMUM RATINGS
(Ta=25℃)
■ Package Outline
PARAMETER
SYMBOL
UNIT
TO-92
30
35
1. OUT
40
2. GND
Output Current
Io
100
mA
3. IN
Power Dissipation
PD
500
mW
Operating Temperature Range
Topr
-40 to +85
℃
Storage Temperature Range
Tstg
-40 to +150
℃
Measurement is to be conducted is pulse testing.
PARAMETER
SYMBOL
MIN. TYP. MAX. UNIT
ML78L05A
Output Voltage
Vo
VIN=10V
Io=40mA
4.75
5.0
5.25
V
Line Regulation 1
Δ
Vo Vin 1 VIN=7V to 20V
Io=40mA
-
-
150
mV
Line Regulation 2
Δ
Vo Vin 2 VIN=8V to 20V
Io=40mA
-
-
100
mV
Load Regulation 1
Δ
Vo Io 1 VIN=10V
-
-
30
mV
Load Regulation 2
Δ
Vo Io 2 VIN=10V
-
-
60
mV
Quiescent Current
IQ
VIN=10V
Io=0mA
-
3.8
6
mA
Average Temperature
Cofficient of Output Voltage
Δ
Vo / ΔT VIN=10V
Io=1mA
-
0.4
-
mV/℃
Ripple Rejection
RR
8V<VIN<18V
Io=40mA
ein=1Vp-p
f=120Hz
41
49
-
dB
Output Noise Voltage
VNO
VIN=10V
Io=40mA
-42
-
μ
V
ML78L06A
Output Voltage
Vo
VIN=11V
Io=40mA
5.7
6.0
6.3
V
Line Regulation 1
Δ
Vo Vin 1 VIN=8V to 20V
Io=40mA
-
-
175
mV
Line Regulation 2
Δ
Vo Vin 2 VIN=9V to 20V
Io=40mA
-
-
125
mV
Load Regulation 1
Δ
Vo Io 1 VIN=11V
-
-
40
mV
Load Regulation 2
Δ
Vo Io 2 VIN=11V
-
-
80
mV
Quiescent Current
IQ
VIN=11V
Io=0mA
-
3.9
6
mA
Average Temperature
Cofficient of Output Voltage
Δ
Vo / ΔT VIN=11V
Io=1mA
-
0.5
-
mV/℃
Ripple Rejection
RR
9V<VIN<19V
Io=40mA
ein=1Vp-p
f=120Hz
40
48
-
dB
Output Noise Voltage
VNO
VIN=11V
Io=40mA
-46
-
μ
V
Jun-05
Io=1 to 100mA
BW=10Hz to 100KHz
TEST CONDITIONS
VIN
Io=1 to 40mA
(Tj=25℃,CIN=0.33μF,Co=0.1μF)
ELECTRICAL CHARACTERISTICS
Io=1 to 40mA
Io=1 to 100mA
BW=10Hz to 100KHz
Input Voltage
V
ML78L00-FBL1*
SERIES
The ML78L00-FBL1* series of 3-Terminal Positive Voltage Regulators. These regulators employ internal current-limiting
and thermal-shutdown, making them essentially indestructible. If adequate heat sinking is provided, they can deliver up to
100mA output current. They are intended as fixed voltage regulators in a wide range of applications including local or on-
card regulation for elimination of noise and distribution problems associated with single-point regulation. In addition, they
can be used with power pass elements to make high-current voltage regulators. The ML78L00-FBL1 series used as a zener
diode/resistor combination replacement, offers an effective output impedance improvement of typically two orders of
magnitude, along with lower quiescent current and lower noise.
3-TERMINAL POSITIVE
VOLTAGE REGULATOR
* FBL1 menas lead free compoent.
MAXIMUM RATINGS
(ML78L05A to ML78L10A)
(ML78L12A to ML78L18A)
(ML78L24A)
2
1
3
Sheet 1 of 5


Similar Part No. - ML78L08A

ManufacturerPart #DatasheetDescription
logo
Micro Electronics
ML78L08A MICRO-ELECTRONICS-ML78L08A Datasheet
230Kb / 5P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results

Similar Description - ML78L08A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GM78L12 ETC2-GM78L12 Datasheet
196Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
Micro Electronics
ML7800 MICRO-ELECTRONICS-ML7800 Datasheet
431Kb / 11P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
S78L05 SECOS-S78L05 Datasheet
310Kb / 2P
3-Terminal Positive Voltage Regulator
logo
SEMTECH ELECTRONICS LTD...
ST78L05 SEMTECH_ELEC-ST78L05 Datasheet
201Kb / 2P
3-Terminal positive voltage regulator
ST78L06 SEMTECH_ELEC-ST78L06 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
ST78L09 SEMTECH_ELEC-ST78L09 Datasheet
130Kb / 2P
3-Terminal positive voltage regulator
logo
Cystech Electonics Corp...
LM7812XJ3 CYSTEKEC-LM7812XJ3 Datasheet
112Kb / 3P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
logo
SeCoS Halbleitertechnol...
SJ78M09 SECOS-SJ78M09 Datasheet
85Kb / 2P
3-Terminal Positive Voltage Regulator
SJ78M15 SECOS-SJ78M15 Datasheet
84Kb / 2P
3-Terminal Positive Voltage Regulator
logo
Continental Device Indi...
LM7818 CDIL-LM7818 Datasheet
75Kb / 2P
3-TERMINAL POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com