Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ML78L12A Datasheet(PDF) 5 Page - Micro Electronics

Part # ML78L12A
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

ML78L12A Datasheet(HTML) 5 Page - Micro Electronics

  ML78L12A Datasheet HTML 1Page - Micro Electronics ML78L12A Datasheet HTML 2Page - Micro Electronics ML78L12A Datasheet HTML 3Page - Micro Electronics ML78L12A Datasheet HTML 4Page - Micro Electronics ML78L12A Datasheet HTML 5Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
3.6
3.8
4.0
4.2
4.4
4.6
4.8
5.0
5.2
5.4
20
0
40
60
80
100
78L24
V =32V
78L05
V =10V
78L05 / L24 Quiescent Current vs.
Output Current
Output Current Io(mA)
IN
IN
(Tj = 25° C)
78L05 Quiescent Current vs. Input
Voltage
Input Voltage V (V)
20
2
0
1
10
5
3
4
40
30
IN
(Io = 0mA, Tj = 25° C)
Sheet 5 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com