Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ML78L18A Datasheet(PDF) 3 Page - Micro Electronics

Part # ML78L18A
Description  3-TERMINAL POSITIVE VOLTAGE REGULATOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

ML78L18A Datasheet(HTML) 3 Page - Micro Electronics

  ML78L18A Datasheet HTML 1Page - Micro Electronics ML78L18A Datasheet HTML 2Page - Micro Electronics ML78L18A Datasheet HTML 3Page - Micro Electronics ML78L18A Datasheet HTML 4Page - Micro Electronics ML78L18A Datasheet HTML 5Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
Measurement is to be conducted is pulse testing.
PARAMETER
SYMBOL
MIN. TYP. MAX. UNIT
ML78L15A
Output Voltage
Vo
VIN=23V
Io=40mA
14.25
15.0
15.75
V
Line Regulation 1
Δ
Vo Vin 1 VIN=17.5V to 30V
Io=40mA
-
-
300
mV
Line Regulation 2
Δ
Vo Vin 2 VIN=19V to 30V
Io=40mA
-
-
250
mV
Load Regulation 1
Δ
Vo Io 1 VIN=23V
-
-
75
mV
Load Regulation 2
Δ
Vo Io 2 VIN=23V
-
-
150
mV
Quiescent Current
IQ
VIN=23V
Io=0mA
-
4.6
6.5
mA
Average Temperature
Cofficient of Output Voltage
Δ
Vo / ΔT VIN=23V
Io=1mA
-1
-
mV/℃
Ripple Rejection
RR
18.5V<VIN<28.5V
Io=40mA
ein=1Vp-p f=120Hz
34
39
-
dB
Output Noise Voltage
VNO
VIN=23V
Io=40mA
-82-
μ
V
ML78L18A
Output Voltage
Vo
VIN=26V
Io=40mA
17.1
18.0
18.9
V
Line Regulation 1
Δ
Vo Vin 1 VIN=20.5V to 33V
Io=40mA
-
-
360
mV
Line Regulation 2
Δ
Vo Vin 2 VIN=22V to 33V
Io=40mA
-
-
300
mV
Load Regulation 1
Δ
Vo Io 1 VIN=26V
-
-
90
mV
Load Regulation 2
Δ
Vo Io 2 VIN=26V
-
-
180
mV
Quiescent Current
IQ
VIN=26V
Io=0mA
-
4.7
6.5
mA
Average Temperature
Cofficient of Output Voltage
Δ
Vo / ΔT VIN=26V
Io=1mA
-
1.1
-
mV/℃
Ripple Rejection
RR
21.5V<VIN<31.5V
Io=40mA
ein=1Vp-p f=120Hz
32
36
-
dB
Output Noise Voltage
VNO
VIN=26V
Io=40mA
-89-
μ
V
ML78L24A
Output Voltage
Vo
VIN=32V
Io=40mA
22.8
24.0
25.2
V
Line Regulation 1
Δ
Vo Vin 1 VIN=26.5V to 39V
Io=40mA
-
-
480
mV
Line Regulation 2
Δ
Vo Vin 2 VIN=29V to 39V
Io=40mA
-
-
400
mV
Load Regulation 1
Δ
Vo Io 1 VIN=32V
-
-
120
mV
Load Regulation 2
Δ
Vo Io 2 VIN=32V
-
-
240
mV
Quiescent Current
IQ
VIN=32V
Io=0mA
-
4.8
6.5
mA
Average Temperature
Cofficient of Output Voltage
Δ
Vo / ΔT VIN=32V
Io=1mA
-
1.4
-
mV/℃
Ripple Rejection
RR
27.5V<VIN<37.5V
Io=40mA
ein=1Vp-p f=120Hz
30
33
-
dB
Output Noise Voltage
VNO
VIN=32V
Io=40mA
-97-
μ
V
Io=1 to 40mA
ELECTRICAL CHARACTERISTICS
(Tj=25℃,CIN=0.33μF,Co=0.1μF)
TEST CONDITIONS
Io=1 to 100mA
BW=10Hz to 100KHz
Io=1 to 40mA
Io=1 to 100mA
Io=1 to 40mA
Io=1 to 100mA
BW=10Hz to 100KHz
BW=10Hz to 100KHz
Sheet 3 of 5



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com