Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MX100Q-22 Datasheet(PDF) 21 Page - Amphenol CIT.

Part # MX100Q-22
Description  The Wire & Cable Book
PDF  144 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ACIT [Amphenol CIT.]
Direct Link  https://www.amphenol-cit.com/
Logo ACIT - Amphenol CIT.

MX100Q-22 Datasheet(HTML) 21 Page - Amphenol CIT.

Back Button MX100Q-22 Datasheet HTML 17Page - Amphenol CIT. MX100Q-22 Datasheet HTML 18Page - Amphenol CIT. MX100Q-22 Datasheet HTML 19Page - Amphenol CIT. MX100Q-22 Datasheet HTML 20Page - Amphenol CIT. MX100Q-22 Datasheet HTML 21Page - Amphenol CIT. MX100Q-22 Datasheet HTML 22Page - Amphenol CIT. MX100Q-22 Datasheet HTML 23Page - Amphenol CIT. MX100Q-22 Datasheet HTML 24Page - Amphenol CIT. MX100Q-22 Datasheet HTML 25Page - Amphenol CIT. Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 144 page
background image
17
Aerospace | Military | Transportation | Industrial | Specialty
LTE high-performance coaxial cables (RG replacement)
Thermax
Velocity of
Capacitance
Attenuation (dB/100 ft.)
Time Delay
P/N
Propagation
(pF/ft)
100 MHz
500 MHz
1 GHz
2 GHz
5 GHz
ns / foot
875-892
81%
15.5
—
14.0
——
—
1.23
900-142
79%
26.0
2.8
6.5
9.4
14.0
23.0
1.28
900-316
75%
27.5
7.0
15.8
22.6
32.3
52.4
1.33
900-393
80%
26.0
1.5
3.5
5.2
7.8
13.5
1.28
Thermax
Inner Conductor
Dielectric
Inner Shield
Outer Shield
Jacket
Weight
Min. Bend
P/N
Diameter
Stranding
Diameter
Diameter
Diameter
Diameter
Radius
875-892
.015 (2.67)
7/36 SPCA
.063 (1.60)
—
.080 (2.03)
.100 (2.54)
8.5
(12.6)
.50 (12.7)
900-142
.051 (1.30)
Solid SPC
.145 (3.68)
.153 (3.85)
.171 (4.34)
.190 (4.83)
39.0
(57.8)
1.0 (25.4)
900-316
.020
(.51)
Solid SPCW
.060 (1.53)
.068 (1.73)
.085 (2.16)
.105 (2.68)
10.4
(15.5)
.50 (12.7)
900-393
.105 (2.67)
7/.038 SPC
.285 (7.24)
.291 (7.39)
.318 (8.08)
.390 (9.91)
133.0 (197.1)
2.0 (50.8)
LTE
is a patented low-density, air-expanded PTFE
dielectric which provides reduced weight and
increased velocity of propagation (up to 85%).
LTE dielectric also exhibits low loss and stable
performance throughout its temperature range.
These cables are ideal replacements for MIL-C-17
cables in demanding applications such as aerospace
and high-reliability commercial systems.
875-892 is a replacement for RG-179 (M17/94).
900-142 is a replacement for RG-142 (M17/60, /158).
900-316 is a replacement for RG-316 (M17/113, /172).
900-393 is a replacement for RG-393 (M17/127, /174).
Performance:
Temperature rating:
200˚ C.
Impedance:
875-892: 75Ω nominal.
All others: 50Ω nominal.
See page 3 for more information on LTE dielectric.
Electrical Performance
Dimensions and Weights
Dimensions in inches (mm). Weights in pounds/1000 feet (Kg/1000 M). All values are nominal unless otherwise indicated.
SPC:
Silver-plated copper. SPCW: Silver-plated copper-covered steel (copperweld). SPCA: Silver-plated high-strength copper (alloy 135).
Construction Details
Center Conductor:
See table below.
Dielectric:
LTE (extruded low-density PTFE) or
low density / composite.
Inner Shield:
875-892: None.
900-142: Flat silver-plated copper braid, 95% coverage.
900-316: Flat silver-plated copper braid, 95% coverage.
900-393: Flat silver-plated copper braid, 92% coverage.
Outer Shield:
Silver-plated copper braid, 95%
nominal coverage. Can be provided with
optional shield types such as flat braid, tape
composites, or combinations.
Jacket:
Extruded FEP.
All values are nominal unless otherwise indicated.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com