Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

5M160Z Datasheet(PDF) 21 Page - Altera Corporation

Part # 5M160Z
Description  MAX V Device Core
PDF  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALTERA [Altera Corporation]
Direct Link  http://www.altera.com
Logo ALTERA - Altera Corporation

5M160Z Datasheet(HTML) 21 Page - Altera Corporation

Back Button 5M160Z Datasheet HTML 17Page - Altera Corporation 5M160Z Datasheet HTML 18Page - Altera Corporation 5M160Z Datasheet HTML 19Page - Altera Corporation 5M160Z Datasheet HTML 20Page - Altera Corporation 5M160Z Datasheet HTML 21Page - Altera Corporation 5M160Z Datasheet HTML 22Page - Altera Corporation 5M160Z Datasheet HTML 23Page - Altera Corporation 5M160Z Datasheet HTML 24Page - Altera Corporation 5M160Z Datasheet HTML 25Page - Altera Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 72 page
background image
Chapter 2: MAX V Architecture
2–15
MultiTrack Interconnect
December 2010
Altera Corporation
MAX V Device Handbook
The column interconnect operates similarly to the row interconnect. Each column of
LABs is served by a dedicated column interconnect, which vertically routes signals to
and from LABs and row and column IOEs. These column resources include:
■
LUT chain interconnects within an LAB
■
Register chain interconnects within an LAB
■
C4 interconnects traversing a distance of four LABs in an up and down direction
MAX V devices include an enhanced interconnect structure within LABs for routing
LE output to LE input connections faster using LUT chain connections and register
chain connections. The LUT chain connection allows the combinational output of an
LE to directly drive the fast input of the LE right below it, bypassing the local
interconnect. These resources can be used as a high-speed connection for wide fan-in
functions from LE 1 to LE 10 in the same LAB. The register chain connection allows
the register output of one LE to connect directly to the register input of the next LE in
the LAB for fast shift registers. The Quartus II Compiler automatically takes
advantage of these resources to improve utilization and performance. Figure 2–11
shows the LUT chain and register chain interconnects.
Figure 2–10. R4 Interconnect Connections
Notes to Figure 2–10:
(1) C4 interconnects can drive R4 interconnects.
(2) This pattern is repeated for every LAB in the LAB row.
Primary
LAB (2)
R4 Interconnect
Driving Left
Adjacent LAB can
drive onto another
LAB’s R4 Interconnect
C4 Column Interconnects (1)
R4 Interconnect
Driving Right
LAB
Neighbor
LAB
Neighbor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com