Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCS-7280QR-C36-M-R Datasheet(PDF) 1 Page - Arista Networks, Inc

Part # DCS-7280QR-C36-M-R
Description  Data Center Switch Router
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7280QR-C36-M-R Datasheet(HTML) 1 Page - Arista Networks, Inc

  DCS-7280QR-C36-M-R Datasheet HTML 1Page - Arista Networks, Inc DCS-7280QR-C36-M-R Datasheet HTML 2Page - Arista Networks, Inc DCS-7280QR-C36-M-R Datasheet HTML 3Page - Arista Networks, Inc DCS-7280QR-C36-M-R Datasheet HTML 4Page - Arista Networks, Inc DCS-7280QR-C36-M-R Datasheet HTML 5Page - Arista Networks, Inc DCS-7280QR-C36-M-R Datasheet HTML 6Page - Arista Networks, Inc DCS-7280QR-C36-M-R Datasheet HTML 7Page - Arista Networks, Inc DCS-7280QR-C36-M-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7280QR-C36-M-R Datasheet HTML 9Page - Arista Networks, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
7280R Series Data Center Switch Router
Data Sheet
Product Highlights
Performance
• 7280CR Series: 60 x 100GbE
• 7280QR Series: 72 x 40GbE
• 7280SR Series: 48 x 25GbE and 6 x 100GbE
• 7280TR: 48 x 1/10GbE and 6x 100GbE
• 7280SR: 48 x 1/10GbE and 6x 100GbE
• Up to 60 wire-speed 100GbE ports
• Up to 12 terabits per second
• Up to 5.76 billion packets per second
• Wire speed L2 and L3 forwarding
• QSFP100: Quad 10GbE or 25GbE mode
Data Center Optimized Design
• Ultra-deep packet bu er up to 32GB
• Virtual Output Queues per port to
eliminate head of line blocking
• Over 94% e cient power supplies
• Redundant & hot-swap power and fans
• Front-to-rear or rear-to-front cooling
• Designed for NEBS
• Tool less rails for simple installation
Virtualization and Provisioning
• CloudVision
• VXLAN for next generation DC
• LANZ for microburst detection
• DANZ Advanced Mirroring & TAP
Aggregation for improved visibility
• VM Tracer
• Zero Touch Provisioning (ZTP)
• Advanced Event Monitoring
• Accelerated sFlow (RFC3176)
Cloud Networking Ready
• 768K MAC Addresses
• 768K IPv4 and IPv6 Host Routes
• Over 2M IPv4 Routes with 7280R2K
• Arista AlgoMatchTM
Resilient Control Plane
• High Performance x86 CPU
• Up to 32GB DRAM
• 4GB Flash
• User applications can run in a VM
Arista Extensible Operating System
• Single binary image
• Fine-grained truly modular network OS
• Stateful Fault Containment (SFC)
• Stateful Fault Repair (SFR)
• Full access to Linux shell and tools
• Extensible platform - bash, python, C++ ,
GO, OpenCon g
Overview
The Arista 7280R Series of xed systems, including the 7280R, 7280RA, 7280R2,
7280R2A and the 7280R2K, are key components of the Arista 7000 Series portfolio
of data center switches. The Arista 7280R Series are purpose built 10/25/40/100GbE
systems built for the highest performance environments, and to meet the needs of
the largest scale data centers and service providers They deliver scalable L2 and L3
resources and high density with advanced features for network monitoring,
precision timing and network virtualization to deliver scalable and deterministic
network performance while simplifying designs and reducing Opex. The 7280R
capabilities address the requirements for modern networking and rich multi-media
content delivery requiring a lossless forwarding solution in a compact and energy
e cient form factor.
The 7280R can be deployed in a wide range of open networking solutions
including large scale layer 2 and layer 3 cloud designs, overlay networks, virtualized
or traditional enterprise data center networks. Deep packet bu ers and large
routing tables allow for internet peering, interconnect and Inter-DC networking. The
broad range of interfaces and density choice provides deployment exibility.
The 7280R Series are available in a range of models with a choice of 10GBASE-T,
10GbE and 25GbE SFP with 40GbE and 100GbE QSFP uplinks and systems that o er
up to 60 ports of wire speed 100GbE in a 2RU system.
7280R support for 100GbE QSFP incorporates a exible choice of interface speed
including 25GbE and 50GbE providing unparalleled exibility and the ability to
seamlessly transition data centers to the next generation of Ethernet performance.
The 7280R Series provide industry leading power e ciency with air ow choices for
back to front, or front to back. An optional built-in SSD supports advanced logging,
data captures and other services directly on the switch. Combined with Arista EOS
the 7280R Series delivers advanced features for big data, cloud, virtualized and
traditional designs.
Arista 7280R Series
Arista EOS
All Arista products including the 7280R Series runs the same Arista EOS software,
binary image simplifying network administration with a single standard across all
switches. Arista EOS is a modular switch operating system with a unique state
sharing architecture that cleanly separates switch state from protocol processing
and application logic. Built on top of a standard Linux kernel, all EOS processes run
in their own protected memory space and exchange state through an in-memory
database. This multi-process state sharing architecture provides the foundation for
in-service-software updates and self-healing resiliency together with stateful
switchover without the loss of data plane forwarding.
Arista EOS enables advanced monitoring and automation capabilities such as Zero
Touch Provisioning, LANZ, VM Tracer and Linux based tools to be run natively on the
switch.


Similar Part No. - DCS-7280QR-C36-M-R

ManufacturerPart #DatasheetDescription
logo
Arista Networks, Inc
DCS-7280QR-C36 ARISTA-DCS-7280QR-C36 Datasheet
2Mb / 58P
7280 Series 1 RU (Gen 3) Data Center Switches
More results

Similar Description - DCS-7280QR-C36-M-R

ManufacturerPart #DatasheetDescription
logo
Cherry Semiconductor Co...
NM02 CHERRY-NM02 Datasheet
445Kb / 2P
center-off switch
logo
PHOENIX CONTACT
2702528 PHOENIX-2702528 Datasheet
71Kb / 4P
Router - TC ROUTER 3002T-4G
2702532 PHOENIX-2702532 Datasheet
78Kb / 5P
Router - TC ROUTER 3002T-4G VZW
2702533 PHOENIX-2702533 Datasheet
78Kb / 5P
Router - TC ROUTER 3002T-4G ATT
2314008 PHOENIX-2314008 Datasheet
213Kb / 14P
Router - PSI-MODEM-3G/ROUTER
09/12/2020
2702531 PHOENIX-2702531 Datasheet
235Kb / 14P
Router - TC ROUTER 2002T-3G
09/12/2020
1234354 PHOENIX-1234354 Datasheet
5Mb / 27P
Router - TC ROUTER 4202T-4G EU WLAN
Nov 16, 2022
logo
Kingston Technology Far...
SEDC450R KINGSTON-SEDC450R Datasheet
1Mb / 2P
DATA CENTER DC450R SSD
logo
Advantech Co., Ltd.
WISE-3200 ADVANTECH-WISE-3200 Datasheet
169Kb / 2P
IoT Router
22-Feb-2021
logo
TELTONIKA NETWORKS.
RUT300 TELTONIKA-RUT300 Datasheet
983Kb / 13P
ETHERNET ROUTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com