Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DCS-7280SR-48C6-R Datasheet(PDF) 16 Page - Arista Networks, Inc

Part # DCS-7280SR-48C6-R
Description  Data Center Switch Router
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARISTA [Arista Networks, Inc]
Direct Link  https://www.arista.com/en/
Logo ARISTA - Arista Networks, Inc

DCS-7280SR-48C6-R Datasheet(HTML) 16 Page - Arista Networks, Inc

Back Button DCS-7280SR-48C6-R Datasheet HTML 8Page - Arista Networks, Inc DCS-7280SR-48C6-R Datasheet HTML 9Page - Arista Networks, Inc DCS-7280SR-48C6-R Datasheet HTML 10Page - Arista Networks, Inc DCS-7280SR-48C6-R Datasheet HTML 11Page - Arista Networks, Inc DCS-7280SR-48C6-R Datasheet HTML 12Page - Arista Networks, Inc DCS-7280SR-48C6-R Datasheet HTML 13Page - Arista Networks, Inc DCS-7280SR-48C6-R Datasheet HTML 14Page - Arista Networks, Inc DCS-7280SR-48C6-R Datasheet HTML 15Page - Arista Networks, Inc DCS-7280SR-48C6-R Datasheet HTML 16Page - Arista Networks, Inc  
Zoom Inzoom in Zoom Outzoom out
 16 / 16 page
background image
7280R Series | Contact Information
Headquarters
5453 Great America Parkway
Santa Clara, California 95054
408-547-5500
Support
support@arista.com
408-547-5502
866-476-0000
Sales
sales@arista.com
408-547-5501
866-497-0000
Copyright 2023 Arista Networks, Inc. The information contained herein is subject to change without notice. Arista, the
Arista logo and EOS are trademarks of Arista Networks. Other product or service names may be trademarks or service marks
of others.
www.arista.com
June 20th, 2023
03-0032-43
Optional Components and Spares
Product Number Product Description
FAN-7000H-F
Spare high speed fan module for Arista 7280R 1RU switches (front to rear air ow)
FAN-7000H-R
Spare high speed fan module for Arista 7280R 1RU switches (rear to front air ow)
FAN-7000-F
Spare fan module for Arista 7150, 7124SX(FX), 7050, 7280 & 7048-A switches (front-to-rear air ow)
FAN-7000-R
Spare fan module for Arista 7150, 7124SX(FX), 7050, 7280 & 7048-A switches (rear-to-front air ow)
FAN-7001D-F
Spare fan module for Arista 7000 Series 1RU switches (front-to-rear air ow) (7280CR2A-30 and 7280CR2K-30)
FAN-7002H-F
Spare fan module for Arista 2U 7260CX-64, 7280CR and 7320X switches (front-to-rear air ow)
FAN-7002H-R
Spare fan module for Arista 2U 7260CX-64, 7280CR and 7320X switches (rear-to-front air ow)
KIT-7001
Spare tool-free accessory kit (v2) for 1RU Arista switches. 2-post & 4-post mount. (2x C13-C14, 2m)
KIT-2POST-1U-NT
Spare tool-free 2-post mount kit (v2) for 1RU Arista tool-free switches
KIT-2POST
Spare 2RU 2 post rack mount installation kit for Arista 7250 / 7050, 7260X and 7280R switches
KIT-4POST-NT
Spare tool-free 4-post mount kit (v2) for 1RU Arista tool-free switches
KIT-7003
Spare tool-free accessory kit (v2) for 2RU Arista switches. 2-post & 4-post mount. (2x C19-C20, 2m)
KIT-GND-EXT-2RU
Arista 7000 Series 2RU Ground Extender Kit for NEBS compliance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com