Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD8665ARJZ-R2 Datasheet(PDF) 11 Page - Analog Devices

Part # AD8665ARJZ-R2
Description  16 V, 4 MHz RR0 Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD8665ARJZ-R2 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD8665ARJZ-R2 Datasheet HTML 7Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 8Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 9Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 10Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 11Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 12Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 13Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 14Page - Analog Devices AD8665ARJZ-R2 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
AD8665/AD8666/AD8668
Rev. B | Page 11 of 16
Figure 37. Negative Overload Recovery Time
Figure 38. Supply Current vs. Temperature
Figure 39. Supply Current vs. Supply Voltage
Figure 40. No Output Phase Reversal
TIME (4µs/DIV)
100mV
0V
0V
–2.5V
VDD = ±2.5V
AV = –100
VOUT
VIN
2.0
0
–40
120
TEMPERATURE (°C)
1.8
1.6
1.4
1.2
1.0
0.8
0.6
0.4
0.2
–20
0
20
40
60
80
100
VOUT = VDD/2
VDD = 16V
VDD = 5V
2.00
0
0
16
SUPPLY VOLTAGE (V)
1.75
1.50
1.25
1.00
0.75
0.50
0.25
2
4
6
8
10
12
14
TIME (10µs/DIV)
VOUT
VIN
10
–10
8
6
4
2
0
–2
–4
–6
–8
VDD = ±8V
AV = +1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com