Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PC923L0YIP Datasheet(PDF) 1 Page - Sharp Corporation

Part # PC923L0YIP
Description  High Speed, Gate Drive DIP 8 pin OPIC Photocoupler
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARP [Sharp Corporation]
Direct Link  http://sharp-world.com/
Logo SHARP - Sharp Corporation

PC923L0YIP Datasheet(HTML) 1 Page - Sharp Corporation

  PC923L0YIP Datasheet HTML 1Page - Sharp Corporation PC923L0YIP Datasheet HTML 2Page - Sharp Corporation PC923L0YIP Datasheet HTML 3Page - Sharp Corporation PC923L0YIP Datasheet HTML 4Page - Sharp Corporation PC923L0YIP Datasheet HTML 5Page - Sharp Corporation PC923L0YIP Datasheet HTML 6Page - Sharp Corporation PC923L0YIP Datasheet HTML 7Page - Sharp Corporation PC923L0YIP Datasheet HTML 8Page - Sharp Corporation PC923L0YIP Datasheet HTML 9Page - Sharp Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
PC923L0NSZ
Series
1. Recognized by UL1577 (Double protection isolation),
file No. E64380 (as model No. PC923L)
2. Approved by VDE (VDE0884) (as an option), file No.
87446 (as model No. PC923L)
3. Package resin : UL flammability grade (94V-0)
■ Features
■ Agency approvals/Compliance
1. IGBT/MOSFET gate drive for inverter control
■ Applications
High Speed, Gate Drive DIP 8 pin
∗OPIC Photocoupler
1. 8 pin DIP package
2. Double transfer mold package
(Ideal for Flow Soldering)
3. Built-in direct drive circuit for MOSFET / IGBT drive
(IO1P, IO2P : 0.6 A)
4. High speed response (tPHL, tPLH : MAX. 0.5
µs)
5. Wide operating supply voltage range
(VCC=15 to 30 V)
6. High noise immunity due to high instantaneous com-
mon mode rejection voltage (CMH : MIN.
−15kV/µs,
CML : MIN. 15kV/
µs)
7. High isolation voltage between input and output
(Viso(rms) : 5.0 kV)
■ Description
PC923L0NSZ Series contains a LED optically cou-
pled to an OPIC chip.
It is packaged in a 8 pin DIP, available in SMT gullw-
ing lead form option.
Input-output isolation voltage(rms) is 5.0 kV, High
speed response (tPHL, tPLH : MAX. 0.5
µs).
1
Sheet No.: D2-A06001EN
Date Nov. 28. 2003
© SHARP Corporation
Notice The content of data sheet is subject to change without prior notice.
In the absence of confirmation by device specification sheets, SHARP takes no responsibility for any defects that may occur in equipment using any SHARP
devices shown in catalogs, data books, etc. Contact SHARP in order to obtain the latest device specification sheets before using any SHARP device.
PC923L0NSZ Series
∗ "OPIC"(Optical IC) is a trademark of the SHARP Corporation. An OPIC consists of a light-detecting element and a signal-processing
circuit integrated onto a single chip.


Similar Part No. - PC923L0YIP

ManufacturerPart #DatasheetDescription
logo
Sharp Corporation
PC923 SHARP-PC923 Datasheet
86Kb / 6P
High Speed Photocoupler for MOS-FET / IGBT Drive
PC923X SHARP-PC923X Datasheet
46Kb / 3P
OPIC Photocoupler
PC923X SHARP-PC923X Datasheet
50Kb / 3P
High Speed OPIC Photocoupler for MOS-FET/IGBT Drive
PC923XI SHARP-PC923XI Datasheet
50Kb / 3P
High Speed OPIC Photocoupler for MOS-FET/IGBT Drive
More results

Similar Description - PC923L0YIP

ManufacturerPart #DatasheetDescription
logo
California Eastern Labs
PS9552 CEL-PS9552 Datasheet
305Kb / 23P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
NEC
PS9552 NEC-PS9552 Datasheet
218Kb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Sharp Corporation
PC925L0NSZ0F SHARP-PC925L0NSZ0F Datasheet
274Kb / 10P
High Speed, 2.5A Output, Gate Drive DIP 8 pin
PC942J00000F SHARP-PC942J00000F Datasheet
281Kb / 17P
High Power, Gate Drive type DIP 8 pin ?뾑PIC Photocoupler
logo
California Eastern Labs
PS9552_V1 CEL-PS9552_V1 Datasheet
1Mb / 22P
2.5 A OUTPUT CURRENT, HIGH CMR IGBT GATE DRIVE PHOTOCOUPLER 8-PIN DIP PHOTOCOUPLER
logo
Sharp Corporation
PC956L0NSZ0F SHARP-PC956L0NSZ0F Datasheet
259Kb / 15P
High Speed 2Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PC957L0NSZ0F SHARP-PC957L0NSZ0F Datasheet
244Kb / 13P
High Speed 1Mb/s, High CMR DIP 8 pin OPIC Photocoupler
PC910L0NSZ SHARP-PC910L0NSZ Datasheet
220Kb / 13P
High Speed 10Mb/s, High CMR DIP 8 pin .OPIC Photocoupler
logo
Everlight Electronics C...
6N137 EVERLIGHT-6N137_13 Datasheet
1Mb / 15P
8 PIN DIP HIGH SPEED 10MBit/s LOGIC GATE PHOTOCOUPLER
May 13, 2013
logo
Sharp Corporation
PC910L0NSZ0F SHARP-PC910L0NSZ0F Datasheet
242Kb / 14P
High Speed 10Mb/s, High CMR DIP 8 pin OPIC Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com