Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MWB32WA-DI-2B Datasheet(PDF) 2 Page - Micro Electronics

Part # MWB32WA-DI-2B
Description  ULTRA HIGH BRIGHTNESS WHITE LED LAMP
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRO-ELECTRONICS [Micro Electronics]
Direct Link  http://www.microelectr.com.hk
Logo MICRO-ELECTRONICS - Micro Electronics

MWB32WA-DI-2B Datasheet(HTML) 2 Page - Micro Electronics

  MWB32WA-DI-2B Datasheet HTML 1Page - Micro Electronics MWB32WA-DI-2B Datasheet HTML 2Page - Micro Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SPECIFICATIONS FOR BIN GRADING
MWB32WA-DI-X X
Chromaticity Coordinates
Luminous Intensity
PARAMETER
BIN SYMBOL MIN
MAX
UNIT
CONDITIONS
1
IV
500
1000
2
IV
1000
1500
3
IV
1500
x
0.220 0.220 0.270 0.270
y
0.220 0.363 0.377 0.234
x
0.270 0.270 0.320 0.320
y
0.234 0.377 0.392 0.249
x
0.320 0.320 0.370 0.370
y
0.249 0.392 0.406 0.263
x
0.370 0.370 0.420 0.420
y
0.263 0.406 0.420 0.277
CIE CHROMATICITY DIAGRAM
12/5/2003
Page 2 of 2
Chromaticity Coordinates
Luminous Intensity
mcd
TOL:
±0.02
B
C
A
D
IF=20mA
TYP
IF=20mA



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com