Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP1701A-3302I/MB Datasheet(PDF) 4 Page - Microchip Technology

Part # MCP1701A-3302I/MB
Description  2關A Low-Dropout Positive Voltage Regulator
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP1701A-3302I/MB Datasheet(HTML) 4 Page - Microchip Technology

  MCP1701A-3302I/MB Datasheet HTML 1Page - Microchip Technology MCP1701A-3302I/MB Datasheet HTML 2Page - Microchip Technology MCP1701A-3302I/MB Datasheet HTML 3Page - Microchip Technology MCP1701A-3302I/MB Datasheet HTML 4Page - Microchip Technology MCP1701A-3302I/MB Datasheet HTML 5Page - Microchip Technology MCP1701A-3302I/MB Datasheet HTML 6Page - Microchip Technology MCP1701A-3302I/MB Datasheet HTML 7Page - Microchip Technology MCP1701A-3302I/MB Datasheet HTML 8Page - Microchip Technology MCP1701A-3302I/MB Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
MCP1701A
DS21991C-page 4
© 2007 Microchip Technology Inc.
TEMPERATURE CHARACTERISTICS
Electrical Specifications: Unless otherwise specified, TA = +25°C.
Parameters
Sym
Min
Typ
Max
Units
Conditions
Temperature Ranges
Specified Temperature Range (I)
TA
-40
—
+85
°C
Storage Temperature Range
TA
-40
—
+125
°C
Package Thermal Resistances
Thermal Resistance, 3L-SOT-23A
θJA
—
335
—
°C/W
Minimum trace width single
layer application
—
230
—
°C/W
Typical FR4, 4-layer
application
Thermal Resistance, 3L-SOT-89
θJA
—
52
—
°C/W
Typical, when mounted on 1
square inch of copper
Thermal Resistance, 3L-TO-92
θJA
—
131.9
—
°C/W
EIA/JEDEC JESD51-751-7
4-layer board



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com