Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MCP4011-502E/MS Datasheet(PDF) 1 Page - Microchip Technology

Part # MCP4011-502E/MS
Description  Low-Cost 64-Step Volatile Digital POT
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP4011-502E/MS Datasheet(HTML) 1 Page - Microchip Technology

  MCP4011-502E/MS Datasheet HTML 1Page - Microchip Technology MCP4011-502E/MS Datasheet HTML 2Page - Microchip Technology MCP4011-502E/MS Datasheet HTML 3Page - Microchip Technology MCP4011-502E/MS Datasheet HTML 4Page - Microchip Technology MCP4011-502E/MS Datasheet HTML 5Page - Microchip Technology MCP4011-502E/MS Datasheet HTML 6Page - Microchip Technology MCP4011-502E/MS Datasheet HTML 7Page - Microchip Technology MCP4011-502E/MS Datasheet HTML 8Page - Microchip Technology MCP4011-502E/MS Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 60 page
background image
© 2006 Microchip Technology Inc.
DS21978C-page 1
MCP4011/2/3/4
Features
• Volatile Digital Potentiometer in SOT-23, SOIC,
MSOP and DFN packages
• 64 Taps: 63 Resistors with Taps to terminal A and
terminal B
• Simple Up/Down (U/D) Protocol
• Power-on Recall of Default Wiper Setting
- Custom POR wiper settings available
(contact factory)
• Resistance Values: 2.1 k
Ω, 5 kΩ, 10 kΩ or 50 kΩ
• Low Tempco:
- Absolute (Rheostat): 50 ppm (0°C to 70°C typ.)
- Ratiometric (Potentiometer): 10 ppm (typ.)
• Low Wiper Resistance: 75
Ω (typ.)
• High-Voltage Tolerant Digital Inputs: Up to 12.5V
• Low-Power Operation: 1 µA Max Static Current
• Wide Operating Voltage Range:
- 1.8V to 5.5V - Device Operation
- 2.7V to 5.5V - Resistor Characteristics
Specified
• Extended Temperature Range: -40°C to +125°C
• Wide Bandwidth (-3 dB) Operation:
- 4 MHz (typ.) for 2.1 k
Ω device
Description
The MCP4011/2/3/4 devices are volatile, 6-bit Digital
Potentiometers that can be configured as either a
potentiometer or rheostat. The wiper setting is
controlled through a simple Up/Down (U/D) serial
interface.
Package Types
Block Diagram
Device Features
.
A
W
B
MCP4011
SOIC, MSOP, DFN
MCP4012
SOT-23-6
MCP4013
SOT-23-6
MCP4014
SOT-23-5
Rheostat
Potentiometer
Potentiometer
Rheostat
A
VSS
W
1
2
3
4
8
7
6
5
VDD
U/D
NC
B
CS
4
1
2
3
5 W
CS
VDD
VSS
U/D
4
1
2
3
6 A
CS
VDD
VSS
U/D
5 W
A
W
B
4
1
2
3
6 A
CS
VDD
VSS
U/D
5 W
A
W
W
A
B
B
VDD
VSS
U/D
W
B
CS
A
2-Wire
Interface
and
Control
Logic
Power-Up
and
Brown-Out
Control
Device
Wiper
Configuration
Memory
Type
POR Wiper
Setting
Resistance (typical)
# of
Steps
VDD
Operating
Range (2)
Options (k
Ω)
Wiper
(
Ω)
MCP4011 Potentiometer (1)
RAM
Mid-Scale 2.1, 5.0, 10.0, 50.0
75
64
1.8V to 5.5V U/D
No
MCP4012
Rheostat
RAM
Mid-Scale 2.1, 5.0, 10.0, 50.0
75
64
1.8V to 5.5V U/D
No
MCP4013
Potentiometer
RAM
Mid-Scale 2.1, 5.0, 10.0, 50.0
75
64
1.8V to 5.5V U/D
No
MCP4014
Rheostat
RAM
Mid-Scale 2.1, 5.0, 10.0, 50.0
75
64
1.8V to 5.5V U/D
No
Note 1: Floating either terminal (A or B) allows the device to be used in Rheostat mode.
2: Analog characteristics (resistor) tested from 2.7V to 5.5V.
Low-Cost 64-Step Volatile Digital POT


Similar Part No. - MCP4011-502E/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4017 MICROCHIP-MCP4017 Datasheet
2Mb / 66P
7-Bit Single I2C??Digital POT with Volatile Memory in SC70
2009
MCP4017-103E/LT MICROCHIP-MCP4017-103E/LT Datasheet
2Mb / 66P
7-Bit Single I2C??Digital POT with Volatile Memory in SC70
2009
MCP4017-104E/LT MICROCHIP-MCP4017-104E/LT Datasheet
2Mb / 66P
7-Bit Single I2C??Digital POT with Volatile Memory in SC70
2009
MCP4017-502E/LT MICROCHIP-MCP4017-502E/LT Datasheet
2Mb / 66P
7-Bit Single I2C??Digital POT with Volatile Memory in SC70
2009
MCP4017-503E/LT MICROCHIP-MCP4017-503E/LT Datasheet
2Mb / 66P
7-Bit Single I2C??Digital POT with Volatile Memory in SC70
2009
More results

Similar Description - MCP4011-502E/MS

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
MCP4021 MICROCHIP-MCP4021 Datasheet
3Mb / 64P
Low-Cost NV Digital POT with WiperLock??Technology
2006
MCP453X MICROCHIP-MCP453X Datasheet
2Mb / 88P
7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008
MCP413X MICROCHIP-MCP413X Datasheet
2Mb / 88P
7/8-Bit Single/Dual SPI Digital POT with Volatile Memory
2008
MCP454X MICROCHIP-MCP454X Datasheet
2Mb / 92P
7/8-Bit Single/Dual I2C Digital POT with Non-Volatile Memory
2008
MCP4017 MICROCHIP-MCP4017 Datasheet
2Mb / 66P
7-Bit Single I2C??Digital POT with Volatile Memory in SC70
2009
MCP433X MICROCHIP-MCP433X Datasheet
5Mb / 88P
7/8-Bit Quad SPI Digital POT with Volatile Memory
2010
MCP434X MICROCHIP-MCP434X Datasheet
2Mb / 80P
7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
2009
MCP453X MICROCHIP-MCP453X_13 Datasheet
3Mb / 102P
7/8-Bit Single/Dual I2C Digital POT with Volatile Memory
2008-2013
MCP4361-103E MICROCHIP-MCP4361-103E Datasheet
2Mb / 80P
7/8-Bit Quad SPI Digital POT with Non-Volatile Memory
03/26/09
MCP443X MICROCHIP-MCP443X Datasheet
5Mb / 94P
7/8-Bit Volatile Quad Digital POT with I2C Interface
08/04/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com