Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ENC28J60T-I/ML Datasheet(PDF) 43 Page - Microchip Technology

Part # ENC28J60T-I/ML
Description  Stand-Alone Ethernet Controller with SPI Interface
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

ENC28J60T-I/ML Datasheet(HTML) 43 Page - Microchip Technology

Back Button ENC28J60T-I/ML Datasheet HTML 39Page - Microchip Technology ENC28J60T-I/ML Datasheet HTML 40Page - Microchip Technology ENC28J60T-I/ML Datasheet HTML 41Page - Microchip Technology ENC28J60T-I/ML Datasheet HTML 42Page - Microchip Technology ENC28J60T-I/ML Datasheet HTML 43Page - Microchip Technology ENC28J60T-I/ML Datasheet HTML 44Page - Microchip Technology ENC28J60T-I/ML Datasheet HTML 45Page - Microchip Technology ENC28J60T-I/ML Datasheet HTML 46Page - Microchip Technology ENC28J60T-I/ML Datasheet HTML 47Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 43 / 96 page
background image
© 2006 Microchip Technology Inc.
Preliminary
DS39662B-page 41
ENC28J60
TABLE 7-1:
TRANSMIT STATUS VECTORS
Bit
Field
Description
55-52
Zero
0
51
Transmit VLAN Tagged Frame
Frame’s length/type field contained 8100h which is the VLAN protocol
identifier.
50
Backpressure Applied
Carrier sense method backpressure was previously applied.
49
Transmit Pause Control Frame
The frame transmitted was a control frame with a valid pause opcode.
48
Transmit Control Frame
The frame transmitted was a control frame.
47-32
Total Bytes Transmitted on Wire
Total bytes transmitted on the wire for the current packet, including all
bytes from collided attempts.
31
Transmit Underrun
Reserved. This bit will always be ‘0’.
30
Transmit Giant
Byte count for frame was greater than MAMXFL.
29
Transmit Late Collision
Collision occurred beyond the collision window (MACLCON2).
28
Transmit Excessive Collision
Packet was aborted after the number of collisions exceeded the
retransmission maximum (MACLCON1).
27
Transmit Excessive Defer
Packet was deferred in excess of 24,287 bit times (2.4287ms).
26
Transmit Packet Defer
Packet was deferred for at least one attempt but less than an excessive
defer.
25
Transmit Broadcast
Packet’s destination address was a broadcast address.
24
Transmit Multicast
Packet’s destination address was a multicast address.
23
Transmit Done
Transmission of the packet was completed.
22
Transmit Length Out of Range
Indicates that frame type/length field was larger than 1500 bytes (type
field).
21
Transmit Length Check Error
Indicates that frame length field value in the packet does not match the
actual data byte length and is not a type field. MACON3.FRMLNEN
must be set to get this error.
20
Transmit CRC Error
The attached CRC in the packet did not match the internally generated
CRC.
19-16
Transmit Collision Count
Number of collisions the current packet incurred during transmission
attempts. It applies to successfully transmitted packets and as such, will
not show the possible maximum count of 16 collisions.
15-0
Transmit Byte Count
Total bytes in frame not counting collided bytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com