Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-E/P Datasheet(PDF) 232 Page - Microchip Technology

Part # PIC18F44J10-E/P
Description  28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-E/P Datasheet(HTML) 232 Page - Microchip Technology

Back Button PIC18F44J10-E/P Datasheet HTML 228Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 229Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 230Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 231Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 232Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 233Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 234Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 235Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 236Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 232 / 358 page
background image
PIC18F45J10 FAMILY
DS39682C-page 230
Preliminary
© 2007 Microchip Technology Inc.
TABLE 20-1:
CONFIGURATION BITS AND DEVICE IDs
File Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Default/
Unprogrammed
Value(1)
300000h
CONFIG1L
DEBUG
XINST
STVREN
—
—
—
—WDTEN
111- ---1
300001h
CONFIG1H
—(2)
—(2)
—(2)
—(2)
—(3)
CP0
—
—
---- x1--
300002h
CONFIG2L
IESO
FCMEN
—
—
—
FOSC2
FOSC1
FOSC0
11-- -111
300003h
CONFIG2H
—(2)
—(2)
—(2)
—(2)
WDTPS3
WDTPS2
WDTPS1
WDTPS0
---- 1111
300004h
CONFIG3L
—
—
—
—
—
—
—
—
---- ----
300005h
CONFIG3H
—(2)
—(2)
—(2)
—(2)
—
—
—
CCP2MX
---- ---1
3FFFFEh DEVID1
DEV2
DEV1
DEV0
REV4
REV3
REV2
REV1
REV0
xxxx xxxx(4)
3FFFFFh DEVID2
DEV10
DEV9
DEV8
DEV7
DEV6
DEV5
DEV4
DEV3
0001 110x
(4)
Legend:
x
= unknown, u = unchanged, - = unimplemented. Shaded cells are unimplemented, read as ‘0’.
Note
1:
Values reflect the unprogrammed state as received from the factory and following Power-on Resets. In all other Reset
states, the configuration bytes maintain their previously programmed states.
2:
The value of these bits in program memory should always be ‘1’. This ensures that the location is executed as a NOP if it
is accidentally executed.
3:
This bit should always be maintained as ‘0’.
4:
See Register 20-7 and Register 20-8 for DEVID values. These registers are read-only and cannot be programmed by
the user.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com