Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-E/P Datasheet(PDF) 27 Page - Microchip Technology

Part # PIC18F44J10-E/P
Description  28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-E/P Datasheet(HTML) 27 Page - Microchip Technology

Back Button PIC18F44J10-E/P Datasheet HTML 23Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 24Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 25Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 26Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 27Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 28Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 29Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 30Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 358 page
background image
© 2007 Microchip Technology Inc.
Preliminary
DS39682C-page 25
PIC18F45J10 FAMILY
2.4
PLL Frequency Multiplier
A Phase Locked Loop (PLL) circuit is provided as an
option for users who want to use a lower frequency
oscillator circuit, or to clock the device up to its highest
rated frequency from a crystal oscillator. This may be
useful for customers who are concerned with EMI due
to high-frequency crystals, or users who require higher
clock speeds from an internal oscillator. For these
reasons, the HSPLL and ECPLL modes are available.
The HSPLL and ECPLL modes provide the ability to
selectively run the device at 4 times the external oscil-
lating source to produce frequencies up to 40 MHz.
The PLL is enabled by setting the PLLEN bit in the
OSCTUNE register (Register 2-1).
FIGURE 2-4:
PLL BLOCK DIAGRAM
REGISTER 2-1:
OSCTUNE: PLL CONTROL REGISTER
VCO
Loop
Filter
OSC2
OSC1
PLL Enable (OSCTUNE)
FIN
FOUT
SYSCLK
Phase
Comparator
HSPLL or ECPLL (CONFIG2L)
÷4
HS or EC
Mode
U-0
R/W-0(1)
U-0
U-0
U-0
U-0
U-0
U-0
—PLLEN(1)
—
—
—
—
—
—
bit 7
bit 0
bit 7
Unimplemented: Read as ‘0’
bit 6
PLLEN: Frequency Multiplier PLL Enable bit(1)
1
= PLL enabled
0
= PLL disabled
Note 1: Available only for ECPLL and HSPLL oscillator configurations; otherwise, this bit is
unavailable and read as ‘0’.
bit 5-0
Unimplemented: Read as ‘0’
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
-n = Value at POR
‘1’ = Bit is set
‘0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com