Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC18F44J10-E/P Datasheet(PDF) 356 Page - Microchip Technology

Part # PIC18F44J10-E/P
Description  28/40/44-Pin High-Performance RISC Microcontrollers with nanoWatt Technology
PDF  358 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18F44J10-E/P Datasheet(HTML) 356 Page - Microchip Technology

Back Button PIC18F44J10-E/P Datasheet HTML 350Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 351Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 352Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 353Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 354Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 355Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 356Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 357Page - Microchip Technology PIC18F44J10-E/P Datasheet HTML 358Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 356 / 358 page
background image
PIC18F45J10 FAMILY
DS39682C-page 354
Preliminary
© 2007 Microchip Technology Inc.
PIC18F45J10 FAMILY PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office
.
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
PIC18F24J10/25J10(1), PIC18F44J10/45J10(1),
PIC18F24J10/25J10T(2), PIC18F44J10/45J10T(2);
VDD range 4.2V to 5.5V
PIC18LF24J10/25J10(1), PIC18LF44J10/45J10(1),
PIC18LF24J10/25J10T(2), PIC18LF44J10/45J10T(2);
VDD range 2.0V to 5.5V
Temperature Range
I
=
-40
°C to +85°C (Industrial)
E=
-40
°C to +125°C (Extended)
Package
PT
=
TQFP (Thin Quad Flatpack)
SO
=
SOIC
SP
=
Skinny Plastic DIP
P=
PDIP
ML
=
QFN
Pattern
QTP, SQTP, Code or Special Requirements
(blank otherwise)
Examples:
a)
PIC18LF45J10-I/P 301 = Industrial temp.,
PDIP package, Extended VDD limits, QTP
pattern #301.
b)
PIC18LF24J10-I/SO = Industrial temp., SOIC
package, Extended VDD limits.
c)
PIC18LF44J10-I/P = Industrial temp., PDIP
package, normal VDD limits.
Note 1:
F
= Standard Voltage Range
LF = Wide Voltage Range
2:
T
= in tape and reel TQFP
packages only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com