| Electronic Components Datasheet Search |
|
PIC18F44J10-E/P Datasheet(PDF) 106 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F44J10-E/P Datasheet(HTML) 106 Page - Microchip Technology |
|
106 / 358 page ![]() PIC18F45J10 FAMILY DS39682C-page 104 Preliminary © 2007 Microchip Technology Inc. TABLE 9-9: PORTD I/O SUMMARY Pin Function TRIS Setting I/O I/O Type Description RD0/PSP0/SCK2/ SCL2 RD0 0 O DIG LATD<0> data output. 1 I ST PORTD<0> data input. PSP0 x O DIG PSP read data output (LATD<0>); takes priority over port data. x I TTL PSP write data input. SCK2 0 O DIG SPI™ clock output (MSSP2 module); takes priority over port data. 1 I ST SPI clock input (MSSP2 module). SCL2 0 ODIG I2C™ clock output (MSSP2 module); takes priority over port data. 1 II2C/SMB I2C clock input (MSSP2 module); input type depends on module setting. RD1/PSP1/SDI2/ SDA2 RD1 0 O DIG LATD<1> data output. 1 I ST PORTD<1> data input. PSP1 x O DIG PSP read data output (LATD<1>); takes priority over port data. x I TTL PSP write data input. SDI2 1 I ST SPI data input (MSSP2 module). SDA2 1 ODIG I2C data output (MSSP2 module); takes priority over port data. 1 II2C/SMB I2C data input (MSSP2 module); input type depends on module setting. RD2/PSP2/SDO2 RD2 0 O DIG LATD<2> data output. 1 I ST PORTD<2> data input. PSP2 x O DIG PSP read data output (LATD<2>); takes priority over port data. x I TTL PSP write data input. SDO2 0 O DIG SPI data output (MSSP2 module); takes priority over port data. RD3/PSP3/SS2 RD3 0 O DIG LATD<3> data output. 1 I ST PORTD<3> data input. PSP3 x O DIG PSP read data output (LATD<3>); takes priority over port data. x I TTL PSP write data input. SS2 1 I TTL Slave select input for MSSP2 (MSSP2 module). RD4/PSP4 RD4 0 O DIG LATD<4> data output. 1 I ST PORTD<4> data input. PSP4 x O DIG PSP read data output (LATD<4>); takes priority over port data. x I TTL PSP write data input. RD5/PSP5/P1B RD5 0 O DIG LATD<5> data output. 1 I ST PORTD<5> data input. PSP5 x O DIG PSP read data output (LATD<5>); takes priority over port data. x I TTL PSP write data input. P1B 0 O DIG ECCP1 Enhanced PWM output, channel B; takes priority over port and PSP data. May be configured for tri-state during Enhanced PWM shutdown events. RD6/PSP6/P1C RD6 0 O DIG LATD<6> data output. 1 I ST PORTD<6> data input. PSP6 x O DIG PSP read data output (LATD<6>); takes priority over port data. x I TTL PSP write data input. P1C 0 O DIG ECCP1 Enhanced PWM output, channel C; takes priority over port and PSP data. May be configured for tri-state during Enhanced PWM shutdown events. RD7/PSP7/P1D RD7 0 O DIG LATD<7> data output. 1 I ST PORTD<7> data input. PSP7 x O DIG PSP read data output (LATD<7>); takes priority over port data. x I TTL PSP write data input. P1D 0 O DIG ECCP1 Enhanced PWM output, channel D; takes priority over port and PSP data. May be configured for tri-state during Enhanced PWM shutdown events. Legend: DIG = Digital level output; TTL = TTL input buffer; ST = Schmitt Trigger input buffer; I2C/SMB = I2C/SMBus input buffer; x = Don’t care (TRIS bit does not affect port direction or is overridden for this option). |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |