| Electronic Components Datasheet Search |
|
PIC18F44J10-E/P Datasheet(PDF) 189 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F44J10-E/P Datasheet(HTML) 189 Page - Microchip Technology |
|
189 / 358 page ![]() © 2007 Microchip Technology Inc. Preliminary DS39682C-page 187 PIC18F45J10 FAMILY 16.0 ENHANCED UNIVERSAL SYNCHRONOUS ASYNCHRONOUS RECEIVER TRANSMITTER (EUSART) The Enhanced Universal Synchronous Asynchronous Receiver Transmitter (EUSART) module is one of the two serial I/O modules. (Generically, the USART is also known as a Serial Communications Interface or SCI.) The EUSART can be configured as a full-duplex asynchronous system that can communicate with peripheral devices, such as CRT terminals and personal computers. It can also be configured as a half- duplex synchronous system that can communicate with peripheral devices, such as A/D or D/A integrated circuits, serial EEPROMs, etc. The Enhanced USART module implements additional features, including automatic baud rate detection and calibration, automatic wake-up on Sync Break recep- tion and 12-bit Break character transmit. These make it ideally suited for use in Local Interconnect Network bus (LIN bus) systems. The EUSART can be configured in the following modes: • Asynchronous (full duplex) with: - Auto-wake-up on character reception - Auto-baud calibration - 12-bit Break character transmission • Synchronous – Master (half duplex) with selectable clock polarity • Synchronous – Slave (half duplex) with selectable clock polarity The pins of the Enhanced USART are multiplexed with PORTC. In order to configure RC6/TX/CK and RC7/RX/DT as an EUSART: • bit SPEN (RCSTA<7>) must be set (= 1) • bit TRISC<7> must be set (= 1) • bit TRISC<6> must be set (= 1) The operation of the Enhanced USART module is controlled through three registers: • Transmit Status and Control (TXSTA) • Receive Status and Control (RCSTA) • Baud Rate Control (BAUDCON) These are detailed on the following pages in Register 16-1, Register 16-2 and Register 16-3, respectively. Note: The EUSART control will automatically reconfigure the pin from input to output as needed. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |