| Electronic Components Datasheet Search |
|
PIC18F44J10-E/ML Datasheet(PDF) 183 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC18F44J10-E/ML Datasheet(HTML) 183 Page - Microchip Technology |
|
183 / 358 page ![]() © 2007 Microchip Technology Inc. Preliminary DS39682C-page 181 PIC18F45J10 FAMILY 15.4.17.1 Bus Collision During a Start Condition During a Start condition, a bus collision occurs if: a) SDAx or SCLx are sampled low at the beginning of the Start condition (Figure 15-26). b) SCLx is sampled low before SDAx is asserted low (Figure 15-27). During a Start condition, both the SDAx and the SCLx pins are monitored. If the SDAx pin is already low, or the SCLx pin is already low, then all of the following occur: • the Start condition is aborted; • the BCLxIF flag is set; and • the MSSP module is reset to its Idle state (Figure 15-26). The Start condition begins with the SDAx and SCLx pins deasserted. When the SDAx pin is sampled high, the Baud Rate Generator is loaded from SSPxADD<6:0> and counts down to ‘0’. If the SCLx pin is sampled low while SDAx is high, a bus collision occurs, because it is assumed that another master is attempting to drive a data ‘1’ during the Start condition. If the SDAx pin is sampled low during this count, the BRG is reset and the SDAx line is asserted early (Figure 15-28). If, however, a ‘1’ is sampled on the SDAx pin, the SDAx pin is asserted low at the end of the BRG count. The Baud Rate Generator is then reloaded and counts down to ‘0’. If the SCLx pin is sampled as ‘0’ during this time, a bus collision does not occur. At the end of the BRG count, the SCLx pin is asserted low. FIGURE 15-26: BUS COLLISION DURING START CONDITION (SDAx ONLY) Note: The reason that bus collision is not a factor during a Start condition is that no two bus masters can assert a Start condition at the exact same time. Therefore, one master will always assert SDAx before the other. This condition does not cause a bus colli- sion because the two masters must be allowed to arbitrate the first address following the Start condition. If the address is the same, arbitration must be allowed to continue into the data portion, Repeated Start or Stop conditions. SDAx SCLx SEN SDAx sampled low before SDAx goes low before the SEN bit is set. S bit and SSPxIF set because MSSP module reset into Idle state. SEN cleared automatically because of bus collision. S bit and SSPxIF set because Set SEN, enable Start condition if SDAx = 1, SCLx = 1 SDAx = 0, SCLx = 1. BCLxIF S SSPxIF SDAx = 0, SCLx = 1. SSPxIF and BCLxIF are cleared in software SSPxIF and BCLxIF are cleared in software Set BCLxIF, Start condition. Set BCLxIF. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |