Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 85 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF10 and DDS39RFS10, 10.24GSPS to 20.48GSPS Dual and Single Channel, Multi-Nyquist Direct Digital Synthesizer (DDS)
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 85 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 81Page - Texas Instruments DAC39RFS10 Datasheet HTML 82Page - Texas Instruments DAC39RFS10 Datasheet HTML 83Page - Texas Instruments DAC39RFS10 Datasheet HTML 84Page - Texas Instruments DAC39RFS10 Datasheet HTML 85Page - Texas Instruments DAC39RFS10 Datasheet HTML 86Page - Texas Instruments DAC39RFS10 Datasheet HTML 87Page - Texas Instruments DAC39RFS10 Datasheet HTML 88Page - Texas Instruments DAC39RFS10 Datasheet HTML 89Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 174 page
background image
Figure 7-65. CHIP_VERSION Register
7
6
5
4
3
2
1
0
CHIP_VERSION
R-2h
Table 7-37. CHIP_VERSION Register Field Descriptions
Bit
Field
Type
Reset
Description
7-0
CHIP_VERSION
R
02h
1: PG1.0
2: PG2.0
7.5.3.6 VENDOR_ID Register (Offset = Ch) [reset = 0451h]
VENDOR_ID is shown in Figure 7-66 and described in Table 7-38.
Return to the Register Summary Table.
Vendor Identification (default: 0x0451)
Figure 7-66. VENDOR_ID Register
15
14
13
12
11
10
9
8
VENDOR_ID
R-04h
7
6
5
4
3
2
1
0
VENDOR_ID
R-51h
Table 7-38. VENDOR_ID Register Field Descriptions
Bit
Field
Type
Reset
Description
15-0
VENDOR_ID
R
451h
TI vendor ID
7.5.3.7 SYSREF_CTRL Register (Offset = 0080h) [reset = 40h]
SYSREF_CTRL is shown in Figure 7-67 and described in Table 7-39.
Return to the Register Summary Table.
SYSREF Control
Figure 7-67. SYSREF_CTRL Register
7
6
5
4
3
2
1
0
SYSREF_PRO
C_EN
SYSREF_REC
V_SLEEP
SYSREF_PS_E
N
SYSREF_ZOO
M
SYSREF_SEL
R/W-0b
R/W-1b
R/W-0b
R/W-0b
R/W-0h
Table 7-39. SYSREF_CTRL Register Field Descriptions
Bit
Field
Type
Reset
Description
7
SYSREF_PROC_EN
R/W
0h
When set, this bit enables the SYSREF processor. When this is
enabled, the system receives and processes each new SYSREF
edge. User should always clear SYSREF_RECV_SLEEP before
setting this bit. This bit is provided to allow the SYSREF receiver
to stabilize before allowing the SYSREF to come to the digital.
6
SYSREF_RECV_SLEEP
R/W
1b
Clear this bit to enable the SYSREF receiver circuit. User should
always clear SYSREF_PROC_EN before setting this bit.
www.ti.com
DDS39RF10, DDS39RFS10
SBASB20 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
85
Product Folder Links: DDS39RF10 DDS39RFS10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com