Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DAC39RFS10 Datasheet(PDF) 9 Page - Texas Instruments

Part # DAC39RFS10
Description  DDS39RF12 and DDS39RFS12, 12GSPS to 24GSPS, Dual and Single Channel, Multi- Nyquist Direct Digital Synthesizer (DDS)
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC39RFS10 Datasheet(HTML) 9 Page - Texas Instruments

Back Button DAC39RFS10 Datasheet HTML 5Page - Texas Instruments DAC39RFS10 Datasheet HTML 6Page - Texas Instruments DAC39RFS10 Datasheet HTML 7Page - Texas Instruments DAC39RFS10 Datasheet HTML 8Page - Texas Instruments DAC39RFS10 Datasheet HTML 9Page - Texas Instruments DAC39RFS10 Datasheet HTML 10Page - Texas Instruments DAC39RFS10 Datasheet HTML 11Page - Texas Instruments DAC39RFS10 Datasheet HTML 12Page - Texas Instruments DAC39RFS10 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 176 page
background image
6.5 Electrical Characteristics - DC Specifications
Typical values at TA = +25°C, minimum and maximum values over operating free-air temperature range, typical supply
voltages, 2 channels, DDS Mode, FCLK = 12 GHz, FOUT = 2997 MHz, NRZ mode, IFSSWITCH = 20.5 mA, unless otherwise
noted.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC ACCURACY
BITS
DAC core resolution
16
bits
DNL
Differential nonlinearity
±2.2
LSB
INL
Integral nonlinearity
±9
LSB
DAC ANALOG OUTPUT (DACOUTA+, DACOUTA–, DACOUTB+, DACOUTB–)
IFS_SWITCH
Switched full scale output current
3.6-kΩ resistor from RBIAS+
to RBIAS-, COARSE_CUR_A /
COARSE_CUR_B= 0xF and
FINE_CUR_A / FINE_CUR_B =
default, CUR_2X_EN = 1
41
mA
3.6-kΩ resistor from RBIAS+
to RBIAS-, COARSE_CUR_A /
COARSE_CUR_B= 0xF and
FINE_CUR_A / FINE_CUR_B =
default
20.5
3.6-kΩ resistor from RBIAS+
to RBIAS-, COARSE_CUR_A /
COARSE_CUR_B = 0x0 and
FINE_CUR_A / FINE_CUR_B =
default, CUR_2X_EN = 1
11
3.6-kΩ resistor from RBIAS+
to RBIAS-, COARSE_CUR_A /
COARSE_CUR_B = 0x0 and
FINE_CUR_A / FINE_CUR_B =
default
5.5
ISTATIC
Static output current per pin
3.6-kΩ resistor from RBIAS+
to RBIAS-, COARSE_CUR_A /
COARSE_CUR_B = 0xF and
FINE_CUR_A / FINE_CUR_B =
default
4.8
mA
IFSDRIFT
Full scale output current temperature
drift
3.6-kΩ resistor from RBIAS+
to RBIAS-, COARSE_CUR_A /
COARSE_CUR_B = 0xF and
FINE_CUR_A / FINE_CUR_B =
default
-8.6
uA/
℃
-0.3
PPM/
℃
IFSERROR
Full scale current error
3.6-kΩ resistor from RBIAS+
to RBIAS-, COARSE_CUR_A /
COARSE_CUR_B = 0xF and
FINE_CUR_A / FINE_CUR_B =
default
±0.1
%
IMIDOFFERR
Mid Code Offset Error
Mid Code offset
±0.02
%FSR
VCOMP
Output compliance voltage range
Measured from DACOUTA+,
DACOUTA–, DACOUTB+ or
DACOUTB– to AGND
VDDA18
A/B - 0.5
VDDA18
A/B +
0.5
V
COUT
Output capacitance
Single-ended capacitance to ground
0.25
pF
RTERM
Output differential termination
resistance
102
Ω
RTERMDRIFT
Output differential termination
resistance temperature coeff
–9.6
mΩ/
℃
–42
PPM/
℃
CLOCK AND SYSREF INPUTS (CLK+, CLK-, SYSREF+, SYSREF-)
RT
Internal differential termination resistance
100
Ω
CIN
Internal differential input capacitance
0.5
pF
www.ti.com
DDS39RF12, DDS39RFS12
SBASB21 – SEPTEMBER 2024
Copyright © 2024 Texas Instruments Incorporated
Submit Document Feedback
9
Product Folder Links: DDS39RF12 DDS39RFS12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com