Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DP83848IVV/NOPB Datasheet(PDF) 49 Page - Texas Instruments

Click here to check the latest version.
Part # DP83848IVV/NOPB
Description  DP83848C/I/VYB/YB PHYTER™ QFP Single Port 10/100 Mb/s Ethernet Physical Layer Transceiver
PDF  89 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DP83848IVV/NOPB Datasheet(HTML) 49 Page - Texas Instruments

Back Button DP83848IVV/NOPB Datasheet HTML 45Page - Texas Instruments DP83848IVV/NOPB Datasheet HTML 46Page - Texas Instruments DP83848IVV/NOPB Datasheet HTML 47Page - Texas Instruments DP83848IVV/NOPB Datasheet HTML 48Page - Texas Instruments DP83848IVV/NOPB Datasheet HTML 49Page - Texas Instruments DP83848IVV/NOPB Datasheet HTML 50Page - Texas Instruments DP83848IVV/NOPB Datasheet HTML 51Page - Texas Instruments DP83848IVV/NOPB Datasheet HTML 52Page - Texas Instruments DP83848IVV/NOPB Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 89 page
background image
DP83848C, DP83848I
DP83848VYB, DP83848YB
www.ti.com
SNLS266E – MAY 2007 – REVISED MARCH 2015
Table 6-8. Register Table
Register Name
Addr
Tag
Bit 15
Bit 14
Bit 13
Bit 12
Bit 11
Bit 10
Bit 9
Bit 8
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Basic Mode
00h
BMCR
Reset
Loopback
Speed
Auto-Neg
Power
Isolate
Restart
Duplex
Collision
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Control Register
Selection
Enable
Down
Auto-Neg
Mode
Test
Basic Mode Status 01h
BMSR
100Base-
100Base-
100Base-
10Base-T
10Base-T
Reserved
Reserved
Reserved
Reserved
MF
Auto-Neg
Remote
Auto-Neg
Link
Jabber Detect
Extended
Register
T4
TX FDX
TX HDX
Preamble
Fault
Capability
FDX
HDX
Complete
Ability
Status
Suppress
PHY Identifier
02h
PHYIDR1
OUI MSB
OUI MSB
OUI MSB
OUI MSB
OUI MSB
OUI MSB
OUI MSB
OUI MSB
OUI MSB
OUI MSB
OUI MSB
OUI MSB
OUI MSB
OUI MSB
OUI MSB
OUI MSB
Register 1
PHY Identifier
03h
PHYIDR2
OUI LSB
OUI LSB
OUI LSB
OUI LSB
OUI LSB
OUI LSB
VNDR_
VNDR_
VNDR_
VNDR_
VNDR_
VNDR_
MDL_
MDL_
MDL_
MDL_
Register 2
MDL
MDL
MDL
MDL
MDL
MDL
REV
REV
REV
REV
Auto-Negotiation
04h
ANAR
Next Page
Reserved
Remote
Reserved
ASM_DIR
PAUSE
T4
TX_FD
TX
10_FD
10
Protocol
Protocol
Protocol
Protocol
Protocol
Advertisement
Ind
Fault
Selection
Selection
Selection
Selection
Selection
Register
Auto-Negotiation
05h
ANLPAR
Next Page
ACK
Remote
Reserved
ASM_DIR
PAUSE
T4
TX_FD
TX
10_FD
10
Protocol
Protocol
Protocol
Protocol
Protocol
Link Partner Ability
Ind
Fault
Selection
Selection
Selection
Selection
Selection
Register (Base
Page)
Auto-Negotiation
05h
ANLPARN
Next Page
ACK
Message
ACK2
Toggle
Code
Code
Code
Code
Code
Code
Code
Code
Code
Code
Code
Link Partner Ability
P
Ind
Page
Register (Next
Page)
Auto-Negotiation
06h
ANER
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
PDF
LP_NP_
NP_
PAGE_
LP_AN_
Expansion
ABLE
ABLE
RX
ABLE
Register
Auto-Negotiation
07h
ANNPTR
Next Page
Reserved
Message
ACK2
TOG_TX
CODE
CODE
CODE
CODE
CODE
CODE
CODE
CODE
CODE
CODE
CODE
Next Page TX
Ind
Page
Register
RESERVED
08-0fh
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
EXTENDED REGISTERS
PHY Status
10h
PHYSTS
Reserved
MDIX
Rx Err
Polarity
False
Signal
Descrambl
Page
MII
Remote
Jabber Detect
Auto-Neg
Loopback
Duplex
Speed Status
Link
Register
mode
Latch
Status
Carrier
Detect
er Lock
Interrupt
Fault
Status
Status
Receive
Complete
Status
Sense
MII Interrupt
11h
MICR
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
TINT
INTEN
INT_OE
Control Register
MII Interrupt Status 12h
MISR
Reserved
ED_INT
LINK_INT
SPD_INT
DUP_INT
ANC_INT
FHF_INT
RHF_INT
Reserved
ED_INT_E LINK_INT_EN SPED_INT DUP_INT_EN ANC_INT_ FHF_INT_EN RHF_INT_
and Misc. Control
N
_EN
EN
EN
Register
RESERVED
13h
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
False Carrier
14h
FCSCR
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
FCSCNT
FCSCNT
FCSCNT
FCSCNT
FCSCNT
FCSCNT
FCSCNT
FCSCNT
Sense Counter
Register
Receive Error
15h
RECR
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
RXERCNT RXERCNT
RXERCNT
RXERCNT
RXERCNT
RXERCNT
RXERCNT
RXERCNT
Counter Register
PCS Sub-Layer
16h
PCSR
Reserved
Reserved
Reserved
Reserved
FREE_CLK
TQ_EN
SD_FORC
SD_
DESC_TIM
Reserved
FORCE_
Reserved
Reserved
NRZI_
SCRAM_
DE
Configuration and
E_PMA
E
OPTION
100_OK
BYPASS
BYPASS
SCRAM_B
Status Register
YPASS
RMII and Bypass
17h
RBR
SIM_WRIT Reserved
DIS_TX_O
RX_PORT
RX_PORT
TX_SOUR TX_SOUR PMD_LOO SCMII_RX
SCMII_TX
RMII_MODE
RMII_REV
RX_OVF_ST RX_UNF_S ELAST_BUF ELAST_BU
Register
E
PT
CE
CE
P
1_0
S
TS
F
LED Direct Control 18h
LEDCR
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved
Reserved LEDACT_R BLINK_FR BLINK_FR DRV_SPDLE DRV_LNKL DRV_ACTLE
SPDLED
LNKLED
ACTLED
Register
X
EQ
EQ
D
ED
D
Copyright © 2007–2015, Texas Instruments Incorporated
Detailed Description
49
Submit Documentation Feedback
Product Folder Links: DP83848C DP83848I DP83848VYB DP83848YB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com