Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TDF8541SD/N2 Datasheet(PDF) 40 Page - NXP Semiconductors

Part # TDF8541SD/N2
Description  I 2C-bus controlled 4 x 45 W power amplifier
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

TDF8541SD/N2 Datasheet(HTML) 40 Page - NXP Semiconductors

Back Button TDF8541SD/N2 Datasheet HTML 36Page - NXP Semiconductors TDF8541SD/N2 Datasheet HTML 37Page - NXP Semiconductors TDF8541SD/N2 Datasheet HTML 38Page - NXP Semiconductors TDF8541SD/N2 Datasheet HTML 39Page - NXP Semiconductors TDF8541SD/N2 Datasheet HTML 40Page - NXP Semiconductors TDF8541SD/N2 Datasheet HTML 41Page - NXP Semiconductors TDF8541SD/N2 Datasheet HTML 42Page - NXP Semiconductors TDF8541SD/N2 Datasheet HTML 43Page - NXP Semiconductors TDF8541SD/N2 Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 54 page
background image
TDF8541
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2011. All rights reserved.
Product data sheet
Rev. 3 — 13 December 2011
40 of 54
NXP Semiconductors
TDF8541
I2C-bus controlled 4
 45 W power amplifier
(1) Po =1W.
(2) Po = 10 W.
Fig 22. Total harmonic distortion as a function of input frequency; 2
 load
(1) fi = 1 kHz, channel 1.
(2) fi = 100 Hz, channel 1.
(3) fi = 6 kHz, channel 1.
(4) fi = 10 kHz, channel 1.
Fig 23. Total harmonic distortion as a function of output power; 4
 load
001aan727
fi (Hz)
10
105
104
102
103
10-2
10-1
1
10
THD+N
(%)
10-3
(2)
(1)
001aan450
Po (W)
10−1
102
10
1
10−2
10−1
1
10
THD + N
(%)
10−3
(4)
(3)
(2)
(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com