Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

S8FS-C01505D Datasheet(PDF) 20 Page - Omron Electronics LLC

Part # S8FS-C01505D
Description  Switch Mode Power Supply (15/25/35/50/75/100/150/200/350-W Models)S8FS-C
PDF  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

S8FS-C01505D Datasheet(HTML) 20 Page - Omron Electronics LLC

Back Button S8FS-C01505D Datasheet HTML 16Page - Omron Electronics LLC S8FS-C01505D Datasheet HTML 17Page - Omron Electronics LLC S8FS-C01505D Datasheet HTML 18Page - Omron Electronics LLC S8FS-C01505D Datasheet HTML 19Page - Omron Electronics LLC S8FS-C01505D Datasheet HTML 20Page - Omron Electronics LLC S8FS-C01505D Datasheet HTML 21Page - Omron Electronics LLC S8FS-C01505D Datasheet HTML 22Page - Omron Electronics LLC S8FS-C01505D Datasheet HTML 23Page - Omron Electronics LLC S8FS-C01505D Datasheet HTML 24Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 42 page
background image
S8FS-C
20
Dimensions
(Unit: mm)
Power Supplies
Models with Terminal Block Facing Upward
3.5
9.5
8.16
20.5
6.5
18
5
3.5
5
40.5
82±1
28
17.5
99±1
88.5±0.5
40±0.5
55±0.5
87±0.5
74±0.5
3.5 dia.
Side: Two, M3 (Depth: 3 mm max.)
Bottom:
Two, M3 (Depth: 5 mm max.)
Five, M3.5
35±1
3.5 dia.
S8FS-C025
 (25 W)
Panel mounting hole dimensions
Using the mounting
holes in the Power
Supply
Using the screw
holes in the
Power Supply
Bottom
mounting
Side
mounting
Two, M3
88.5±0.5
40±0.5
Two, 3.5 dia.
55±0.5
Two, M3
87±0.5
74±0.5
Two, 3.5 dia.
3.5
9.5
8.16
20.5
6.5
18
5
3.5
45.5
97±1
29
18.5
99±1
89±0.5
55±0.5
87±0.5
74±0.5
3.5 dia.
4.5
Side: Two, M3 (Depth: 3 mm max.)
Bottom:
Two, M3 (Depth: 5 mm max.)
3.5 dia.
36±1
Five, M3.5
55.5±0.5
S8FS-C035
 (35 W)
Panel mounting hole dimensions
Using the mounting
holes in the Power
Supply
Using the screw
holes in the
Power Supply
Bottom
mounting
Side
mounting
Two, M3
89±0.5
55.5±0.5
Two, 3.5 dia.
55±0.5
Two, M3
87±0.5
74±0.5
Two, 3.5 dia.
Bottom: Two, M3 (Depth: 5 mm max.)
3.5 dia.
Side: Three, M3 (Depth: 6 mm max.)
3.5 dia.
Five, M3.5
3.5
78
9.5
8.16
4.5
6.5
33
5.25
85.5±0.5
97±1
33±0.5
129±1
122.5±0.5
38±1
13±0.5
18±0.5
3.5
10
28.5
77±0.5
32
19
28.5
120±0.5
S8FS-C050
 (50 W)
Panel mounting hole dimensions
Using the mounting
holes in the Power
Supply
Using the screw
holes in the Power
Supply
Bottom
mounting
Side
mounting
Two, M3
122.5±0.5
85.5±0.5
Two, 3.5 dia.
33±0.5
Three, M3
120±0.5
13±0.5
77±0.5
Three, 3.5 dia. 18
±0.5
9±0.5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com