Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB2011LS2G01-CC Datasheet(PDF) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

Part # MB2011LS2G01-CC
Description  General Specifications
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NKK [Nihon Kaiheiki Industry Co. Ltd.]
Direct Link  http://www.nkkswitches.com
Logo NKK - Nihon Kaiheiki Industry Co. Ltd.

MB2011LS2G01-CC Datasheet(HTML) 3 Page - Nihon Kaiheiki Industry Co. Ltd.

  MB2011LS2G01-CC Datasheet HTML 1Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2G01-CC Datasheet HTML 2Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2G01-CC Datasheet HTML 3Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2G01-CC Datasheet HTML 4Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2G01-CC Datasheet HTML 5Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2G01-CC Datasheet HTML 6Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2G01-CC Datasheet HTML 7Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2G01-CC Datasheet HTML 8Page - Nihon Kaiheiki Industry Co. Ltd. MB2011LS2G01-CC Datasheet HTML 9Page - Nihon Kaiheiki Industry Co. Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Series MB2000
Bushing Mount Miniature Pushbuttons
C74
C
www.nkkswitches.com
Cap Colors
A
Black
B
White
C
Red
E
Yellow
F
Green
G
Blue
H
Gray
TYPICAL SWITCH ORDERING EXAMPLE
A
2011
C
MB
SPDT
ON-(ON) Circuit
Solder Lug Terminals
Poles & Circuits
2011
SPDT
ON
(ON)
2065
SPDT
ON
ON
2061
DPDT
ON
(ON)
2085
DPDT
ON
ON
2181
4PDT
ON
(ON)
2185
4PDT
ON
ON
( ) = Momentary
S
DESCRIPTION FOR TYPICAL ORDERING EXAMPLE
MB2011SS1W01-CA
Caps
B .315” (8.0mm) Diameter
C .394” (10.0mm) Diameter
Contact Materials
& Ratings
W
Silver
Rated 6A @ 125V AC
& 3A @ 250V AC
G
Gold
Rated 0.4VA max @
28V AC/DC max
A
Gold over Silver
Rated 6A @ 125V AC
& 0.4VA max @ 28V
AC/DC max
Plunger for Screw-on Caps
S1 W 01
Plunger Types
S
Plunger for Screw-on Caps
L
Plunger for Snap-on Caps
Bushings
S1
.335” (8.5mm)
Threaded with Keyway
S2
.335” (8.5mm)
Smooth with Keyway
S4
.335” (8.5mm) Metric
Threaded with Keyway
D1
.335” (8.5mm)
Threaded with D-Flat
D3
.335” (8.5mm)
Threaded Splashproof
without Keyway
Terminals
01
Solder Lug
02
Quick Connect
03
.250” (6.35mm) Straight PC
05
.425” (10.8mm) Wirewrap
06
.750” (19.05mm) Wirewrap
07
.964” (24.5mm) Wirewrap
08
1.062” (27.0mm) Wirewrap
Black .394” (10.0mm)
Diameter Cap
Silver Contacts
with 6-Amp Rating
.335” (8.5mm) Threaded Bushing
with Keyway
IMPORTANT:
Switches are supplied without UL,
cULus & CSA marking unless specified.
UL, cULus & CSA recognized only when
ordered with marking on the switch.
Specific models, ratings, & ordering
instructions are noted on the General
Specifications page.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com