Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DDH-GRS Datasheet(PDF) 1 Page - DOMINANT Semiconductors

Part # DDH-GRS
Description  LED
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DOMINANT [DOMINANT Semiconductors]
Direct Link  http://www.dominant-semi.com
Logo DOMINANT - DOMINANT Semiconductors

DDH-GRS Datasheet(HTML) 1 Page - DOMINANT Semiconductors

  DDH-GRS Datasheet HTML 1Page - DOMINANT Semiconductors DDH-GRS Datasheet HTML 2Page - DOMINANT Semiconductors DDH-GRS Datasheet HTML 3Page - DOMINANT Semiconductors DDH-GRS Datasheet HTML 4Page - DOMINANT Semiconductors DDH-GRS Datasheet HTML 5Page - DOMINANT Semiconductors DDH-GRS Datasheet HTML 6Page - DOMINANT Semiconductors DDH-GRS Datasheet HTML 7Page - DOMINANT Semiconductors DDH-GRS Datasheet HTML 8Page - DOMINANT Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
DOMINANT Semiconductors
20/10/04
DomiLED AlGaAs DDH-GRS - Catalogue-v2.doc
Page 1 of 1
Anode marking
• Surface mount LED.
• 120° viewing angle.
• Small package outline (LxWxH) of 3.2 x 2.8 x 1.8 mm.
• Qualified according to JEDEC moisture sensitivity Level 2.
• Compatible to both IR reflow soldering and TTW soldering.
DomiLED – AlGaAs: DDH-GRS


Similar Part No. - DDH-GRS

ManufacturerPart #DatasheetDescription
logo
DOMINANT Semiconductors
DDH-GRS DOMINANT-DDH-GRS_15 Datasheet
905Kb / 12P
High brightness surface mount LED
More results

Similar Description - DDH-GRS

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSCW455A ETC-NSCW455A Datasheet
794Kb / 13P
LED
NSPG520S ETC-NSPG520S Datasheet
868Kb / 15P
LED
logo
Lite-On Technology Corp...
LTST-C191KGKT LITEON-LTST-C191KGKT Datasheet
639Kb / 11P
LED
logo
OSRAM GmbH
SFH4281 OSRAM-SFH4281 Datasheet
70Kb / 7P
Infrarot-LED, Infrared-LED
logo
Hamamatsu Corporation
L5276 HAMAMATSU-L5276_06 Datasheet
257Kb / 2P
Infrared LED Subminiature LED
logo
NICHIA CORPORATION
NESB146AT NICHIA-NESB146AT Datasheet
274Kb / 17P
LED
NFSL172AT NICHIA-NFSL172AT Datasheet
291Kb / 19P
LED
NHSB064T-N3 NICHIA-NHSB064T-N3 Datasheet
296Kb / 19P
LED
NSSB146AT-NA NICHIA-NSSB146AT-NA Datasheet
568Kb / 18P
LED
logo
KODENSHI_AUK CORP.
KP5450R66E6F KODENSHI-KP5450R66E6F Datasheet
127Kb / 5P
LED
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com