Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F676-I/P Datasheet(PDF) 39 Page - Microchip Technology

Part # PIC16F676-I/P
Description  14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-I/P Datasheet(HTML) 39 Page - Microchip Technology

Back Button PIC16F676-I/P Datasheet HTML 35Page - Microchip Technology PIC16F676-I/P Datasheet HTML 36Page - Microchip Technology PIC16F676-I/P Datasheet HTML 37Page - Microchip Technology PIC16F676-I/P Datasheet HTML 38Page - Microchip Technology PIC16F676-I/P Datasheet HTML 39Page - Microchip Technology PIC16F676-I/P Datasheet HTML 40Page - Microchip Technology PIC16F676-I/P Datasheet HTML 41Page - Microchip Technology PIC16F676-I/P Datasheet HTML 42Page - Microchip Technology PIC16F676-I/P Datasheet HTML 43Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 130 page
background image
© 2007 Microchip Technology Inc.
DS40039E-page 37
PIC16F630/676
6.0
COMPARATOR MODULE
The PIC16F630/676 devices have one analog compar-
ator. The inputs to the comparator are multiplexed with
the RA0 and RA1 pins. There is an on-chip Comparator
Voltage Reference that can also be applied to an input
of the comparator. In addition, RA2 can be configured
as the comparator output. The Comparator Control
Register (CMCON), shown in Register 6-1, contains
the bits to control the comparator.
REGISTER 6-1:
CMCON — COMPARATOR CONTROL REGISTER (ADDRESS: 19h)
U-0
R-0
U-0
R/W-0
R/W-0
R/W-0
R/W-0
R/W-0
—COUT
—
CINV
CIS
CM2
CM1
CM0
bit 7
bit 0
bit 7
Unimplemented: Read as ‘0’
bit 6
COUT: Comparator Output bit
When CINV = 0:
1
= VIN+ > VIN-
0
= VIN+ < VIN-
When CINV = 1:
1
= VIN+ < VIN-
0
= VIN+ > VIN-
bit 5
Unimplemented: Read as ‘0’
bit 4
CINV: Comparator Output Inversion bit
1
= Output inverted
0
= Output not inverted
bit 3
CIS: Comparator Input Switch bit
When CM2:CM0 = 110 or 101:
1
= VIN- connects to CIN+
0
= VIN- connects to CIN-
bit 2-0
CM2:CM0: Comparator Mode bits
Figure 6-2 shows the Comparator modes and CM2:CM0 bit settings
Legend:
R = Readable bit
W = Writable bit
U = Unimplemented bit, read as ‘0’
- n = Value at POR
’1’ = Bit is set
’0’ = Bit is cleared
x = Bit is unknown



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com