Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F630-E/P Datasheet(PDF) 34 Page - Microchip Technology

Part # PIC16F630-E/P
Description  14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F630-E/P Datasheet(HTML) 34 Page - Microchip Technology

Back Button PIC16F630-E/P Datasheet HTML 30Page - Microchip Technology PIC16F630-E/P Datasheet HTML 31Page - Microchip Technology PIC16F630-E/P Datasheet HTML 32Page - Microchip Technology PIC16F630-E/P Datasheet HTML 33Page - Microchip Technology PIC16F630-E/P Datasheet HTML 34Page - Microchip Technology PIC16F630-E/P Datasheet HTML 35Page - Microchip Technology PIC16F630-E/P Datasheet HTML 36Page - Microchip Technology PIC16F630-E/P Datasheet HTML 37Page - Microchip Technology PIC16F630-E/P Datasheet HTML 38Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 130 page
background image
PIC16F630/676
DS40039E-page 32
© 2007 Microchip Technology Inc.
5.0
TIMER1 MODULE WITH GATE
CONTROL
The PIC16F630/676 devices have a 16-bit timer.
Figure 5-1 shows the basic block diagram of the Timer1
module. Timer1 has the following features:
• 16-bit timer/counter (TMR1H:TMR1L)
• Readable and writable
• Internal or external clock selection
• Synchronous or asynchronous operation
• Interrupt on overflow from FFFFh to 0000h
• Wake-up upon overflow (Asynchronous mode)
• Optional external enable input (T1G)
• Optional LP oscillator
The Timer1 Control register (T1CON), shown in
Register 5-1, is used to enable/disable Timer1 and
select the various features of the Timer1 module.
FIGURE 5-1:
TIMER1 BLOCK DIAGRAM
Note:
Additional information on timer modules is
available in the PIC® Mid-Range Refer-
ence Manual, (DS33023).
TMR1H
TMR1L
LP Oscillator
T1SYNC
TMR1CS
T1CKPS<1:0>
SLEEP Input
FOSC/4
Internal
Clock
Prescaler
1, 2, 4, 8
Synchronize
Detect
1
0
0
1
Synchronized
Clock Input
2
OSC1
OSC2
Set Flag bit
TMR1IF on
Overflow
TMR1
TMR1ON
TMR1GE
TMR1ON
TMR1GE
INTOSC
T1OSCEN
LP
w/o CLKOUT
T1G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com