Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F676-E/P Datasheet(PDF) 59 Page - Microchip Technology

Part # PIC16F676-E/P
Description  14-Pin FLASH-Based 8-Bit CMOS Microcontrollers
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F676-E/P Datasheet(HTML) 59 Page - Microchip Technology

Back Button PIC16F676-E/P Datasheet HTML 55Page - Microchip Technology PIC16F676-E/P Datasheet HTML 56Page - Microchip Technology PIC16F676-E/P Datasheet HTML 57Page - Microchip Technology PIC16F676-E/P Datasheet HTML 58Page - Microchip Technology PIC16F676-E/P Datasheet HTML 59Page - Microchip Technology PIC16F676-E/P Datasheet HTML 60Page - Microchip Technology PIC16F676-E/P Datasheet HTML 61Page - Microchip Technology PIC16F676-E/P Datasheet HTML 62Page - Microchip Technology PIC16F676-E/P Datasheet HTML 63Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 59 / 130 page
background image
© 2007 Microchip Technology Inc.
DS40039E-page 57
PIC16F630/676
9.3
RESET
The PIC16F630/676 differentiates between various
kinds of RESET:
a)
Power-on Reset (POR)
b)
WDT Reset during normal operation
c)
WDT Reset during SLEEP
d)
MCLR Reset during normal operation
e)
MCLR Reset during SLEEP
f)
Brown-out Detect (BOD)
Some registers are not affected in any RESET
condition; their status is unknown on POR and
unchanged in any other RESET. Most other registers
are reset to a “RESET state” on:
• Power-on Reset
•MCLR Reset
•WDT Reset
• WDT Reset during SLEEP
• Brown-out Detect (BOD)
They are not affected by a WDT wake-up, since this is
viewed as the resumption of normal operation. TO and
PD bits are set or cleared differently in different RESET
situations as indicated in Table 9-4. These bits are
used in software to determine the nature of the RESET.
See Table 9-7 for a full description of RESET states of
all registers.
A simplified block diagram of the On-Chip Reset Circuit
is shown in Figure 9-4.
The MCLR Reset path has a noise filter to detect and
ignore small pulses. See Table 12-4 in Electrical
Specifications Section for pulse width specification.
FIGURE 9-4:
SIMPLIFIED BLOCK DIAGRAM OF ON-CHIP RESET CIRCUIT
S
R
Q
External
Reset
MCLR/
VDD
OSC1/
WDT
Module
VDD Rise
Detect
OST/PWRT
On-chip(1)
RC OSC
WDT
Time-out
Power-on Reset
OST
PWRT
Chip_Reset
10-bit Ripple Counter
Reset
Enable OST
Enable PWRT
SLEEP
See Table 9-3 for time-out situations.
Note
1:
This is a separate oscillator from the INTOSC/EC oscillator.
Brown-out
Detect
BODEN
CLKIN
pin
VPP pin
10-bit Ripple Counter
Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com